Electronic Components Datasheet Search
  English  ▼

X  

X9530 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530 Datasheet(HTML) 5 Page - Xicor Inc.

  X9530 Datasheet HTML 1Page - Xicor Inc. X9530 Datasheet HTML 2Page - Xicor Inc. X9530 Datasheet HTML 3Page - Xicor Inc. X9530 Datasheet HTML 4Page - Xicor Inc. X9530 Datasheet HTML 5Page - Xicor Inc. X9530 Datasheet HTML 6Page - Xicor Inc. X9530 Datasheet HTML 7Page - Xicor Inc. X9530 Datasheet HTML 8Page - Xicor Inc. X9530 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
X9530
Characteristics subject to change without notice.
5 of 30
REV 3.7 8/26/04
www.xicor.com
Figure 1. Control and Status Register Format
Byte
MSB
LSB
80h
Register
Control 0
BL1
BL0
I1DS
NV1234
I2DS
ADCfiltOff
ADCIN
VRM
Non-Volatile
81h
Control 1
Volatile or
Reserved
Reserved
L1DA5
L1DA4
L1DA3
L1DA2
L1DA1
L1DA0
82h
Control 2
Volatile or
Reserved
Reserved
L2DA5
L2DA4
L2DA3
L2DA2
L2DA1
L2DA0
83h
Control 3
Volatile or
D1DA7
D1DA6
D1DA5
D1DA4
D1DA3
D1DA2
D1DA1
D1DA0
Non-Volatile
Non-Volatile
Non-Volatile
84h
Control 4
Volatile or
D2DA7
D2DA6
D2DA5
D2DA4
D2DA3
D2DA2
D2DA1
D2DA0
Non-Volatile
85h
Control 5
Non-Volatile
D2DAS
L2DAS
D1DAS
L1DAS
I2FSO1
I2FSO0
I1FSO1
I1FSO0
86h
Control 6
Volatile
WEL
Reserved
Reserved Reserved
Reserved
Reserved
Reserved
Reserved
87h
Status
Volatile
AD5
AD4
AD3
AD2
AD1
AD0
Reserved
Reserved
7
6
5
4
3
21
0
Name
Address
Registers in byte addresses 88h through 8Fh are reserved.
Direct Access to LUT1
Direct Access to LUT2
Direct Access to DAC1
Direct Access to DAC2
ADC Output
I1 and I2 Direction
0: Source
1: Sink
Control
1, 2, 3, 4
Volatility
0: Volatile
1: Non-
volatile
ADC Input
0: Internal
1: External
Voltage
Block Lock
Reference
Mode
0: Internal
1: External
00: None Locked
01: GPM Locked
10: GPM, LUT1, Locked
11: GPM, LUT1, LUT2
Locked
Direct
Access
to DAC2
0: Disabled
1: Enabled
Direct
Direct
Direct
R2 Selection
Access
to LUT2
0: Disabled
1: Enabled
Access
to DAC1
Access
to LUT1
0: Disabled 0: Disabled
1: Enabled
1: Enabled
00: External
01: Low Internal
10: Middle Internal
11: High Internal
R1 Selection
00: External
01: Low Internal
10: Middle Internal
11: High Internal
Write
Enable
Latch
0: Write
Disabled
1: Write
Enabled
ADC
0: On
1: Off
filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com