Electronic Components Datasheet Search
  English  ▼

X  

BF1206 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BF1206
Description  Dual N-channel dual-gate MOS-FET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1206 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BF1206 Datasheet HTML 4Page - NXP Semiconductors BF1206 Datasheet HTML 5Page - NXP Semiconductors BF1206 Datasheet HTML 6Page - NXP Semiconductors BF1206 Datasheet HTML 7Page - NXP Semiconductors BF1206 Datasheet HTML 8Page - NXP Semiconductors BF1206 Datasheet HTML 9Page - NXP Semiconductors BF1206 Datasheet HTML 10Page - NXP Semiconductors BF1206 Datasheet HTML 11Page - NXP Semiconductors BF1206 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2003 Nov 17
8
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
handbook, halfpage
02
(1)
(2)
(3)
(5)
(7)
3
VGG = VDS (V)
ID
(mA)
8
40
0
32
6
24
16
8
MLE288
(4)
(6)
Fig.9
Drain current as a function of gate 1 (VGG)
and drain supply voltage; typical values;
amplifier a.
VG2-S = 4 V; Tj =25 °C; RG1 = 150 kΩ (connected to VGG); see Fig.35.
(1) RG1 =56kΩ.
(2) RG1 =68kΩ.
(3) RG1 =82kΩ.
(4) RG1 =91kΩ.
(5) RG1 = 100 kΩ.
(6) RG1 = 120 kΩ.
(7) RG1 = 150 kΩ.
handbook, halfpage
02
VG2-S(V)
ID
(mA)
46
20
0
16
12
8
4
MLE292
(1)
(4)
(5)
(3)
(2)
Fig.10 Drain current as a function of gate 2
voltage; typical values; amplifier a.
VDS = 5 V; Tj =25 °C; RG1 =91kΩ (connected to VGG); see Fig.35.
(1) VGG =5V.
(2) VGG = 4.5 V.
(3) VGG =4V.
(4) VGG = 3.5 V.
(5) VGG =3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com