Electronic Components Datasheet Search
  English  ▼

X  

BF1206 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BF1206
Description  Dual N-channel dual-gate MOS-FET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1206 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BF1206 Datasheet HTML 9Page - NXP Semiconductors BF1206 Datasheet HTML 10Page - NXP Semiconductors BF1206 Datasheet HTML 11Page - NXP Semiconductors BF1206 Datasheet HTML 12Page - NXP Semiconductors BF1206 Datasheet HTML 13Page - NXP Semiconductors BF1206 Datasheet HTML 14Page - NXP Semiconductors BF1206 Datasheet HTML 15Page - NXP Semiconductors BF1206 Datasheet HTML 16Page - NXP Semiconductors BF1206 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
2003 Nov 17
13
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
GRAPHS FOR AMPLIFIER b
handbook, halfpage
0
0.5
1
2
VG1-S (V)
ID
(mA)
30
0
10
20
1.5
MLE272
(7)
(6)
(5)
(4)
(1)
(2)
(3)
Fig.19 Transfer characteristics; typical values;
amplifier b.
VDS = 5 V; Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
handbook, halfpage
02
ID
(mA)
4
VDS (V)
6
32
24
8
0
16
MLE273
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Fig.20 Output characteristics; typical values;
amplifier b.
VG2-S = 4 V; Tj =25 °C.
(1) VG1-S = 1.5 V.
(2) VG1-S = 1.4 V.
(3) VG1-S = 1.3 V.
(4) VG1-S = 1.2 V.
(5) VG1-S = 1.1 V.
(6) VG1-S =1V.
(7) VG1-S = 0.9 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com