Electronic Components Datasheet Search
  English  ▼

X  

BF1206 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF1206
Description  Dual N-channel dual-gate MOS-FET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1206 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF1206 Datasheet HTML 1Page - NXP Semiconductors BF1206 Datasheet HTML 2Page - NXP Semiconductors BF1206 Datasheet HTML 3Page - NXP Semiconductors BF1206 Datasheet HTML 4Page - NXP Semiconductors BF1206 Datasheet HTML 5Page - NXP Semiconductors BF1206 Datasheet HTML 6Page - NXP Semiconductors BF1206 Datasheet HTML 7Page - NXP Semiconductors BF1206 Datasheet HTML 8Page - NXP Semiconductors BF1206 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2003 Nov 17
4
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
handbook, halfpage
050
Ts (°C)
Ptot
(mW)
100
200
200
150
50
0
100
150
MLE257
Fig.2 Power derating curve.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. RG1 connects gate 1 to VGG =5V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per MOS-FET unless otherwise specified
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S = 0; ID =10 µA6
−
V
V(BR)G1-SS
gate-source breakdown voltage
VGS =VDS = 0; IG1-S =10mA
6
10
V
V(BR)G2-SS
gate-source breakdown voltage
VGS =VDS = 0; IG2-S =10mA
6
10
V
V(F)S-G1
forward source-gate voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate-source threshold voltage
VDS =5V; VG2-S =4V; ID = 100 µA
0.3
1
V
VG2-S(th)
gate-source threshold voltage
VDS =5V; VG1-S =5V; ID = 100 µA
0.35
1
V
IDSX
drain-source current
amp. a:
VG2-S =4V; VDS =5V; RG =91kΩ; note 1
14
23
mA
amp. b:
VG2-S =4V; VDS =5V; RG = 150 kΩ; note 1
917
mA
IG1-S
gate cut-off current
VG1-S =5V; VG2-S =VDS =0
−
50
nA
IG2-S
gate cut-off current
VG2-S =5V; VG1-S =VDS =0
−
20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com