Electronic Components Datasheet Search
  English  ▼

X  

BF1206 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BF1206
Description  Dual N-channel dual-gate MOS-FET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1206 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BF1206 Datasheet HTML 8Page - NXP Semiconductors BF1206 Datasheet HTML 9Page - NXP Semiconductors BF1206 Datasheet HTML 10Page - NXP Semiconductors BF1206 Datasheet HTML 11Page - NXP Semiconductors BF1206 Datasheet HTML 12Page - NXP Semiconductors BF1206 Datasheet HTML 13Page - NXP Semiconductors BF1206 Datasheet HTML 14Page - NXP Semiconductors BF1206 Datasheet HTML 15Page - NXP Semiconductors BF1206 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
2003 Nov 17
12
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
DYNAMIC CHARACTERISTICS AMPLIFIER b
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 12 mA; unless otherwise specified.
Notes
1. Calculated from measured s-parameters.
2. Measured in Fig.35 test circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
pulsed; Tj =25 °C
293444mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
−
1.7
2.2
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
−
4.2
−
pF
Coss
output capacitance
f = 1 MHz
−
0.85
−
pF
Crss
reverse transfer capacitance f = 1 MHz
−
15
30
fF
F
noise figure
f = 11 MHz; GS = 20 mS; BS =0
−
3.5
−
dB
f = 400 MHz; YS =YS opt
−
1.3
1.9
dB
f = 800 MHz; YS =YS opt
−
1.4
2
dB
Gtr
power gain
f = 200 MHz; GS = 2 mS; BS =BS opt;
GL = 0.5 mS; BL =BL opt; note 1
−
35
−
dB
f = 400 MHz; GS = 2 mS; BS =BS opt;
GL = 1 mS; BL =BL opt; note 1
−
31
−
dB
f = 800 MHz; GS = 3.3 mS; BS =BS opt;
GL = 1 mS; BL =BL opt; note 1
−
27
−
dB
Xmod
cross-modulation
input level for k = 1%; fw = 50 MHz;
funw = 60 MHz; note 2
at 0 dB AGC
90
−−
dB
µV
at 10 dB AGC
−
90
−
dB
µV
at 40 dB AGC
100
103
−
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com