Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC24612-2DBVT Datasheet HTML 17Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 18Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 19Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 20Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 21Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 22Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 23Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 24Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
UCC24612
www.ti.com
SLUSCM5 – AUGUST 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
Table 2. 60W DCM Flyback Design Requirements
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
INPUT CHARACTERISTICS
VIN
Input voltage
85
265
VRMS
OUTPUT CHARACTERISTICS
VOUT
Output voltage, average
VIN = 85 VRMS to 265 VRMS, IOUT = 0 A to 3 A
19
20
21
V
IOUT
Output current
VIN = 85 VRMS to 265 VRMS
0
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com