Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 4 Page - Texas Instruments

  UCC24612-2DBVT Datasheet HTML 1Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 2Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 3Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
UCC24612
SLUSCM5 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltages more negative than indicated may exist on any listed pin without excess stress or damage to the device if the pin’s input
current magnitude is limited to less than -10mA.
(3)
In normal use, VG is connected to the gate of a power MOSFET through a small resistor. When used this way, VG current is limited by
the UCC24612 and no absolute maximum output current considerations are required. The series resistor shall be selected to minimize
overshoot and ringing due to series inductance of the VG output and power-MOSFET gate-drive loop. Continuous VG current is subject
to the maximum operating junction temperature limitation.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage (2)
VDD
–0.3
30
V
VD
–0.7
230
V
VG
–0.3
VREG
V
VD for IVD ≤ –10 mA
–1.0
230
V
REG
12
V
Output current, peak
VG(3) pulsed, tPULSE ≤ 4 ms, duty cycle ≤ 1%
±4
A
TJ
Operating junction temperature
–40
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins,
except pin 5 (1)
±2,000
V
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, pin 5 (1)
±1,500
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com