Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 3 Page - Texas Instruments

  UCC24612-2DBVT Datasheet HTML 1Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 2Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 3Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
2
3
5
4
UCC24612
SOT-5 (DBV)
VS
REG
VD
VDD
(TOP VIEW)
VG
3
UCC24612
www.ti.com
SLUSCM5 – AUGUST 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
REG
3
O
REG is the device's bias pin. An internal linear regulator from VDD to REG generates a well regulated
9.5-V voltage for better bypassing. It is recommend to put 2.2-µF bypass capacitor from REG pin to
VS pin.
VD
5
I
MOSFET drain voltage sensing input. Connect this pin to SR MOSFET drain pin. The layout should
avoid the VD pin trace sharing the power path to minimize the impacts of parasitic inductor.
VDD
4
I
Internal linear regulator input. Connect this pin to the output voltage when in low side SR
configuration. Use R-C-D circuit to generate bias voltage from SR MOSFET drain when using high
side SR configuration.
VG
1
O
VG (controlled MOSFET gate drive), connect VG to the gate of the controlled MOSFET through a
small series resistor using short PC board tracks to achieve optimal switching performance. The
GATE output can achieve >1.5-A peak source current when High and >4-A peak sink current when
connected with a large N-channel power MOSFET.
VS
2
-
VS is the internal ground of the UCC24612. It is also used to sense the voltage drop across SR. The
layout should avoid the VS pin trace sharing the power path to minimize the impacts of parasitic
inductor.
Table 1. Device Comparison
Part Number
Turn on propagation delay
Best suitable Topologies
UCC24612-1
70 ns
CCM/DCM/QR Flyback, Active Clamp Flyback with
GaN MOSFET
UCC24612-2
160 ns
LLC, Active Clamp Flyback with Si MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com