Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC24612-2DBVT Datasheet HTML 3Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 9Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 10Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
UCC24612
www.ti.com
SLUSCM5 – AUGUST 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Timing Requirements
At VDD = 12 VDC, CVG = 0 pF, CREG = 2.2 µF, −40°C ≤ TJ = TA ≤ +125°C, all voltages are with respect to VS, and currents are
positive into and negative out of the specified terminal, unless otherwise noted. Typical values are at TJ = +25°C.
TEST CONDITIONS
MIN
NOM
MAX
UNIT
MOSFET VOLTAGE SENSING
tdVGON
Gate turn on propagation delay -1
version
VD moves from 4.7 V to –0.3 V in 5
ns
70
ns
Gate turn on propagation delay -2
verison
VD moves from 4.7 V to –0.3 V in 5
ns
160
tdVGOFF
Gate turn off propagation delay
VD moves from -0.3 V to 4.7 V in 5
ns
16
ns
MINIMUM ON-TIME
tON(min)
Minimum SR conduction time
UCC24612 -1
383
ns
UCC24612 -2
550
ns
Adaptive MINIMUM OFF-TIME
tOFFABSMIN
Absolute minimum SR off blanking
time
350
ns
GATE DRIVER
tr_VG
VG rise time
10% to 90%, VDD = 12 V, CVG =
6.8 nF
35
ns
tf_VG
VG fall time,
90% to 10%, VDD = 12 V, CVG =
6.8 nF
18
ns
LIGHTLOAD / STANDBY
tSTBY_DET
Standby mode detection time
4.4
ms
fSLEEP
Average frequency entering
standby mode
11
kHz
fWAKE
Average frequency coming out of
standby mode
14
kHz
PROTECTION
TTSD
Thermal shut down threshold
165
ºC
THYS
Thermal shut down recovery
hysteresis
15
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com