Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 1 Page - Texas Instruments

  UCC24612-2DBVT Datasheet HTML 1Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 2Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 3Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright © 2017, Texas Instruments Incorporated
VDD
VG
VS
VD
REG
Vout
Copyright © 2017, Texas Instruments Incorporated
VDD
VG
VS
VD
REG
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
UCC24612
SLUSCM5 – AUGUST 2017
UCC24612 High-Frequency Multi-Mode Synchronous Rectifier Controller
1
1 Features
1
•
Secondary-Side Controller Optimized for up to 24-
V Systems
•
Supporting Active Clamp Fyback, QR, DCM, CCM
Flyback and LLC Resonant converter
•
High Side or Low Side Synchronous Rectifier
•
Up to 1-MHz Operating Frequency
•
MOSFET VDS Sensing
•
4-A Sink, 1-A Source Gate-Drive Capability
•
Proportion drive for fast turn off at CCM operation
•
CCM cycle limit pre-turn off for better CCM
support
•
Adaptive minimum off time for better noise
immunity
•
Automatic Light-Load Management
•
Synchronous Wake-Up From Sleep and Light-
Load Modes
•
16-ns Typical Turnoff Propagation Delay
•
9.5-V Gate Drive Clamp Levels for Minimum
Driving Loss
2 Applications
•
AC-to-DC Adapters
•
Server, Telecom Auxiliary Power Supply
•
Telecom DC-to-DC bricks
3 Description
This UCC24612 multi-mode synchronous rectifier
controller is a high-performance controller and driver
for standard and logic-level N-channel MOSFET
power devices used for secondary-side synchronous
rectification in high current and high efficiency
designs.
The combination of controller and MOSFET emulates
a near-ideal diode rectifier. This solution not only
directly reduces power dissipation of the rectifier but
also indirectly reduces primary-side losses as well,
due to compounding of efficiency gains.
Using
drain-to-source
voltage
sensing,
the
UCC24612
is
ideal
for
Active
Clamp
Flyback,
QR/DCM/CCM Flyback and LLC-resonant power
supplies but can also be used with other power
architectures. The proportion drive together with the
CCM cycle limit pre-turn off design make part operate
more robust in CCM operations. The wide VDD
voltage range allow UCC24612 to support up to 24-V
applications. The 9.5-V gate driver clamping level
allows the minimum driving loss.
UCC24612 uses adaptive off time control to improve
the noise immunity. This greatly simplifies the design
effort and allows the controller be used in wide
application and frequency ranges.
This device is available with SOT23-5 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC24612
SOT23 (5)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Flyback with High-Side SR
Flyback with Low-Side SR


Similar Part No. - UCC24612-2DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24612-2DBVT TI2-UCC24612-2DBVT Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
UCC24612-2DBVT TI2-UCC24612-2DBVT Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
UCC24612-2DBVT.B TI2-UCC24612-2DBVT.B Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
UCC24612-2DBVT.B TI2-UCC24612-2DBVT.B Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
UCC24612-2DBVTG4 TI2-UCC24612-2DBVTG4 Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
More results

Similar Description - UCC24612-2DBVT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Linear Technology
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
logo
Linear Technology
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
Digital Green-Mode Synchronous Rectifier Controller
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com