Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC24612-2DBVT Datasheet HTML 9Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 10Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 11Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 12Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 13Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 14Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 15Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 16Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
UCC24612
www.ti.com
SLUSCM5 – AUGUST 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
UCC24612, two different versions are created. UCC24612-1, the SR driver with inherent short turn on
propagation delay (70 ns typical) can be used with the converter needs shorter delay, such as standard Flyback
converter or Active Clamp Flyback covnerter using GaN MOSFET as main switches. UCC24612-2, the SR driver
with added 150-ns turn on delay, to further ignore the leading edge spike, can be used with Active Clamp
Flyback with Si based super junction MOSFET as the main switch or the LLC covnerters.
When SR body diode is conducting, VD pin becomes negative to VS pin, by a body diode drop. The connection
of VD and VS pin should be directly to the SR MOSFET pins, to avoid any overlapping of sensing paths to the
power path, minimizing the negative voltage and ringing caused by the parasitic inductors. Low package
inductance MOSFETs are preferred to minimize this effect.
Besides the simple comparator, UCC24612 also includes a proportional driver for the SR. For normal SR
controller, the SR MOSFET is turn on and off by the full driving voltage. This way, the conduction loss can be
minimized. However, this method has couple major drawbacks. The turn off threshold is a fixed value, often, to
prevent shoot through, the SR is turned off before current reaches zero. This causes the SR body diode
conduction and actually increases the conduction loss. Another issue is associated with the converter operate in
continuous conduction mode (CCM) condition. When Flyback converter operates in CCM, the SR current slope
(di/dt) at turn off could be as high as 150A/µs. This high current slope could cause large negative current with
long propagation delays. Furthermore, the delay caused by discharging SR MOSFET gate voltage to full voltage
to its threshold level introduces another delay, this further increases the negative current.
Instead of always turning off the SR MOSFET in full gate driver voltage, UCC24612 reduces its gate driver
voltage when the voltage drop across SR drain to source becoming more than -50mV (current approaching
zero). During this time, UCC24612 reduces its gate drive voltage and tries to regulate SR voltage drop to -50mV.
This brings two major benefits to the application: a) Preventing the SR premature turning off, which causes extra
loss associated with body diode conduction and reverse recovery b) Shorter turn off delay since the SR MOSFET
gate is already reduced close to threshold level and SR can be turned off with virtually no delay from moving
gate voltage.
In certain applications, such as telecom DC/DC bricks, due to the lower input and output voltage, the converter
operate in deep CCM mode (low inductor ripple) gives the benefit of less conduction loss. In these applications,
the SR turn off current is high and the SR MOFET voltage drop can still be less than the -50-mV threshold.
UCC24612 increases -50-mV threshold to -150 mV to force the proportion drive activated and reducing the gate
driver voltage for fast turn off. The time to increase the threshold is based on previous cycle SR conduction time.
Because the regular proportion drive and the turn off mechanism are kept functional all the time, the UCC24612
can still provide correct SR control even the large SR conduction time change with two switching cycles. The
forced proportion drive mechanism can be shown in Figure 9. In Figure 9, the turn on delay was ignored to
simplify the illustration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com