Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCC24612-2DBVT Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 9Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 10Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 11Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 12Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 13Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 14Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 15Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
VTHVGON
VTHREG
VTHVGOFF
10%
90%
tdVGON
tr_VG
ISD
VDS
VGATE
t
t
12
UCC24612
SLUSCM5 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Synchronous Rectifier Control
The UCC24612 SR controller determines the conduction time of the SR-MOSFET by comparing the drain-to-
source voltage of the MOSFET against a turnon threshold and a turnoff threshold. The GATE output is driven
high when VDS of the MOSFET exceeds VthVGON and is driven low when VDS decreases below VthVGOFF as
illustrated in Figure 8.
Figure 8. GATE Output With Respect to VDS
NOTE
Because of finite propagation and rise times, the body diode of the SR-MOSFET may
conduct briefly after VthVGON has been exceeded. A waveform similar to that of VDS
depicted in Figure 8 can be observed during SR operation in a simple Flyback circuit.
It should be noticed that before SR turns on, there is a small delay caused by the internal comparator delay and
the gate driver delay. During the delay time, SR MOSFET body diode is conducting. For Flyback converter, the
SR current is at its maximum value during this delay time. It is desired to have the minimum delay. The gate
driver design should avoid long turn on delay.
For certain applications, this delay is essential for appropriate operation. In Active Clamp Flyback, especially
when the primary side switches are using Si based super junction MOSFET, due to the large nonlinear junction
capacitor, the SR often sees a leading spike current, follow by the real conduction current. Normally, a prolonged
minimum on time can override this spike to make the circuit operate normally. However, this causes large
negative current that transfer the energy from output to the input and reduces the overall converter efficiency. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com