Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 7 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD4000 Datasheet HTML 3Page - Analog Devices AD4000 Datasheet HTML 4Page - Analog Devices AD4000 Datasheet HTML 5Page - Analog Devices AD4000 Datasheet HTML 6Page - Analog Devices AD4000 Datasheet HTML 7Page - Analog Devices AD4000 Datasheet HTML 8Page - Analog Devices AD4000 Datasheet HTML 9Page - Analog Devices AD4000 Datasheet HTML 10Page - Analog Devices AD4000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 7 of 36
TIMING SPECIFICATIONS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression disabled,
turbo mode enabled, and fS = 2 MSPS for the AD4000, fS = 1 MSPS for the AD4004, and fS = 500 kSPS for the AD4008, unless otherwise noted.
See Figure 2 for the timing voltage levels.
Table 2. Digital Interface Timing
Parameter
Symbol
Min
Typ
Max
Unit
CONVERSION TIME—CNV RISING EDGE TO DATA AVAILABLE
tCONV
270
290
320
ns
ACQUISITION PHASE1
tACQ
AD4000
290
ns
AD4004
790
ns
AD4008
1790
ns
TIME BETWEEN CONVERSIONS
tCYC
AD4000
500
ns
AD4004
1000
ns
AD4008
2000
ns
CNV PULSE WIDTH (CS MODE)2
tCNVH
10
ns
SCK PERIOD (CS MODE)3
tSCK
VIO > 2.7 V
9.8
ns
VIO > 1.7 V
12.3
ns
SCK PERIOD (DAISY-CHAIN MODE)4
tSCK
VIO > 2.7 V
20
ns
VIO > 1.7 V
25
ns
SCK LOW TIME
tSCKL
3
ns
SCK HIGH TIME
tSCKH
3
ns
SCK FALLING EDGE TO DATA REMAINS VALID DELAY
tHSDO
1.5
ns
SCK FALLING EDGE TO DATA VALID DELAY
tDSDO
VIO > 2.7 V
7.5
ns
VIO > 1.7 V
10.5
ns
CNV OR SDI LOW TO SDO D15 MOST SIGNIFICANT BIT (MSB) VALID DELAY (CS MODE)
tEN
VIO > 2.7 V
10
ns
VIO > 1.7 V
13
ns
CNV RISING EDGE TO FIRST SCK RISING EDGE DELAY
tQUIET1
190
ns
LAST SCK FALLING EDGE TO CNV RISING EDGE DELAY5
tQUIET2
60
ns
CNV OR SDI HIGH OR LAST SCK FALLING EDGE TO SDO HIGH IMPEDANCE (CS MODE)
tDIS
20
ns
SDI VALID SETUP TIME FROM CNV RISING EDGE
tSSDICNV
2
ns
SDI VALID HOLD TIME FROM CNV RISING EDGE (CS MODE)
tHSDICNV
2
ns
SCK VALID HOLD TIME FROM CNV RISING EDGE (DAISY-CHAIN MODE)
tHSCKCNV
12
ns
SDI VALID SETUP TIME FROM SCK RISING EDGE (DAISY-CHAIN MODE)
tSSDISCK
2
ns
SDI VALID HOLD TIME FROM SCK RISING EDGE (DAISY-CHAIN MODE)
tHSDISCK
2
ns
1
The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2 MSPS for the
AD4000, 1 MSPS for the AD4004, and 500 kSPS for the AD4008.
2
For turbo mode, tCNVH must match the tQUIET1 minimum.
3
A throughput rate of 2 MSPS can only be achieved with turbo mode enabled and a minimum SCK rate of 70 MHz. Refer to Table 4 for the maximum achievable
throughput for different modes of operation.
4
A 50% duty cycle is assumed for SCK.
5
See Figure 22 for SINAD, SNR, and ENOB vs. tQUIET2.
X% VIO1
Y% VIO1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1
FOR VIO ≤ 2.7V, X = 80, AND Y = 20; FOR VIO > 2.7V, X = 70, AND Y = 30.
2MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 1.
Figure 2. Voltage Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com