Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4000 Datasheet HTML 28Page - Analog Devices AD4000 Datasheet HTML 29Page - Analog Devices AD4000 Datasheet HTML 30Page - Analog Devices AD4000 Datasheet HTML 31Page - Analog Devices AD4000 Datasheet HTML 32Page - Analog Devices AD4000 Datasheet HTML 33Page - Analog Devices AD4000 Datasheet HTML 34Page - Analog Devices AD4000 Datasheet HTML 35Page - Analog Devices AD4000 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 33 of 36
CS MODE, 4-WIRE WITH BUSY INDICATOR
This mode is typically used when a single AD4000/AD4004/
AD4008 device is connected to an SPI-compatible digital host
with an interrupt input (IRQ), and when it is desired to keep
CNV, which samples the analog input, independent of the
signal used to select the data reading. This independence is
particularly important in applications where low jitter on CNV
is desired.
The connection diagram is shown in Figure 60, and the
corresponding timing diagram is shown in Figure 61.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback. If SDI and CNV are low, SDO is
driven low. Prior to the minimum conversion time, SDI can
select other SPI devices, such as analog multiplexers; however,
SDI must be returned low before the minimum conversion time
elapses and then held low for the maximum possible conversion
time to guarantee the generation of the busy signal indicator.
When the conversion is complete, SDO goes from high impedance
to low impedance. With a pull-up resistor of 1 kΩ on the SDO
line, this transition can be used as an interrupt signal to initiate
the data readback controlled by the digital host. The AD4000/
AD4004/AD4008 then enter the acquisition phase and power
down. The data bits are then clocked out, MSB first, by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can capture the data, a digital
host using the SCK falling edge allows a faster reading rate,
provided it has an acceptable hold time. After the optional 17th
SCK falling edge or when SDI goes high (whichever occurs
first), SDO returns to high impedance.
AD4000/
AD4004/
AD4008
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIO
1kΩ
CS1
Figure 60. CS Mode, 4-Wire with Busy Indicator Connection Diagram
SDO
D15
D14
D1
D0
tDIS
SCK
1
2
3
15
16
17
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
tQUIET2
Figure 61. CS Mode, 4-Wire with Busy Indicator Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com