Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4000 Datasheet HTML 9Page - Analog Devices AD4000 Datasheet HTML 10Page - Analog Devices AD4000 Datasheet HTML 11Page - Analog Devices AD4000 Datasheet HTML 12Page - Analog Devices AD4000 Datasheet HTML 13Page - Analog Devices AD4000 Datasheet HTML 14Page - Analog Devices AD4000 Datasheet HTML 15Page - Analog Devices AD4000 Datasheet HTML 16Page - Analog Devices AD4000 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 13 of 36
94
93
92
91
90
89
88
87
2.4
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
REFERENCE VOLTAGE (V)
15.3
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15.0
15.1
15.2
ENOB
SINAD
SNR
Figure 17. SNR, SINAD, and Effective Number of Bits (ENOB) vs.
Reference Voltage, fIN = 1 kHz
TEMPERATURE (°C)
14.90
14.95
15.00
15.05
15.10
15.15
91.4
91.6
91.8
92.0
92.2
92.4
92.6
92.8
93.0
93.2
–40
–20
0
40
20
60
80
100
120
SNR
SINAD
ENOB
Figure 18. SNR, SINAD, and ENOB vs. Temperature, fIN = 1 kHz
90
95
100
105
110
115
120
125
1
2
4
8
16
32
64
128
256
512 1024 2048
DECIMATION RATE
DYNAMIC RANGE
fIN = 1kHz
fIN = 10kHz
Figure 19. SNR vs. Decimation Rate for Various Input Frequencies, 2 MSPS
–110
–118
2.4
5.1
REFERENCE VOLTAGE (V)
THD
SFDR
–117
–116
–115
–114
–113
–112
–111
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
113
106
107
108
107
108
109
110
111
112
Figure 20. THD and SFDR vs. Reference Voltage, fIN = 1 kHz
TEMPERATURE (°C)
–40
–20
0
40
20
60
80
100
120
102
103
104
105
106
107
108
109
110
111
–118
–116
–114
–112
–110
–108
–106
–104
–102
–100
THD
SFDR
Figure 21. THD and SFDR vs. Temperature, fIN = 1 kHz
93.4
92.0
0
10
20
30
40
50
60
70
tQUIET2 (ns)
ENOB
SINAD
SNR
92.2
92.4
92.6
92.8
93.0
93.2
15.25
14.95
15.00
15.05
15.10
15.15
15.20
Figure 22. SNR, SINAD, and ENOB vs. tQUIET2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com