Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 24 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD4000 Datasheet HTML 20Page - Analog Devices AD4000 Datasheet HTML 21Page - Analog Devices AD4000 Datasheet HTML 22Page - Analog Devices AD4000 Datasheet HTML 23Page - Analog Devices AD4000 Datasheet HTML 24Page - Analog Devices AD4000 Datasheet HTML 25Page - Analog Devices AD4000 Datasheet HTML 26Page - Analog Devices AD4000 Datasheet HTML 27Page - Analog Devices AD4000 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 24 of 36
POWER SUPPLY
The AD4000/AD4004/AD4008 use two power supply pins: a core
supply (VDD) and a digital input/output interface supply (VIO).
VIO allows direct interface with any logic between 1.8 V and 5.5 V.
To reduce the number of supplies needed, VIO and VDD can be
tied together for 1.8 V operation. The ADP7118 low noise,
CMOS, low dropout (LDO) linear regulator is recommended to
power the VDD and VIO pins. The AD4000/AD4004/AD4008
are independent of power supply sequencing between VIO and
VDD. Additionally, the AD4000/AD4004/AD4008 are insensitive
to power supply variations over a wide frequency range, as
shown in Figure 44.
100
1k
10k
100k
1M
FREQUENCY (Hz)
55
60
65
70
75
80
Figure 44. PSRR vs. Frequency, VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, 25°C
The AD4000/AD4004/AD4008 power down automatically at
the end of each conversion phase; therefore, the power scales
linearly with the sampling rate. This feature makes the device
ideal for low sampling rates (even a few samples per second)
and battery-powered applications. Figure 45 shows the
AD4000/AD4004/AD4008 total power dissipation and individual
power dissipation for each rail.
10
100
1k
10k
100k
1M 2M
THROUGHPUT (SPS)
0.01
0.1
1
10
100
1k
10k
100k
VDD
VIO
REF
TOTAL POWER
POWER DISSIPATION
MEASUREMENTS APPLY TO
EACH PRODUCT OVER ITS
SPECIFIED THROUGHPUT RANGE.
Figure 45. Power Dissipation vs. Throughput, VDD = 1.8 V, VIO = 1.8 V,
VREF = 5 V, 25°C
DIGITAL INTERFACE
Although the AD4000/AD4004/AD4008 have a reduced number
of pins, they offer flexibility in their serial interface modes. The
AD4000/AD4004/AD4008 can also be programmed via 16-bit
SPI writes to the configuration registers.
When in CS mode, the AD4000/AD4004/AD4008 are compatible
with SPI, QSPI™, MICROWIRE®, digital hosts, and DSPs. In this
mode, the AD4000/AD4004/AD4008 can use either a 3-wire or 4-
wire interface. A 3-wire interface using the CNV, SCK, and SDO
signals minimizes wiring connections, which is useful, for instance,
in isolated applications. A 4-wire interface using the SDI, CNV,
SCK, and SDO signals allows CNV, which initiates the conversions,
to be independent of the readback timing (SDI). This interface
is useful in low jitter sampling or simultaneous sampling
applications.
The AD4000/AD4004/AD4008 provide a daisy-chain feature using
the SDI input for cascading multiple ADCs on a single data line,
similar to a shift register.
The mode in which the device operates depends on the SDI
level when the CNV rising edge occurs. CS mode is selected if
SDI is high, and daisy-chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected
together, daisy-chain mode is always selected.
In either 3-wire or 4-wire mode, the AD4000/AD4004/AD4008
offer the option of forcing a start bit in front of the data bits.
This start bit can be used as a busy signal indicator to interrupt
the digital host and trigger the data reading. Otherwise, without a
busy indicator, the user must time out the maximum conversion
time prior to readback.
The busy indicator feature is enabled in CS mode if CNV or SDI
is low when the ADC conversion ends.
The state of SDO on power-up is either low or high-Z, depending
on the states of CNV and SDI, as shown in Table 11.
Table 11. State of SDO on Power-Up
CNV
SDI
SDO
0
0
Low
0
1
Low
1
0
Low
1
1
High-Z
The AD4000/AD4004/AD4008 have turbo mode capability in
both 3-wire and 4-wire mode. Turbo mode is enabled by writing
to the configuration register and replaces the busy indicator
feature when enabled. Turbo mode allows a slower SPI clock rate,
making interfacing simpler. The maximum throughput of
2 MSPS for the AD4000 can be achieved only with turbo mode
enabled and a minimum SCK rate of 70 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com