Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4000 Datasheet HTML 15Page - Analog Devices AD4000 Datasheet HTML 16Page - Analog Devices AD4000 Datasheet HTML 17Page - Analog Devices AD4000 Datasheet HTML 18Page - Analog Devices AD4000 Datasheet HTML 19Page - Analog Devices AD4000 Datasheet HTML 20Page - Analog Devices AD4000 Datasheet HTML 21Page - Analog Devices AD4000 Datasheet HTML 22Page - Analog Devices AD4000 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 19 of 36
APPLICATIONS INFORMATION
TYPICAL APPLICATION DIAGRAMS
Figure 33 shows an example of the recommended connection
diagram for the AD4000/AD4004/AD4008 when multiple
supplies are available. This configuration is used for best
performance because the amplifier supplies can be selected to
allow the maximum signal range.
Figure 34 shows a recommended connection diagram when
using a single-supply system. This setup is preferable when only
a limited number of rails are available in the system and power
dissipation is of critical importance.
C
R
V+
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4000/
AD4004/
AD4008
3-WIRE/4-WIRE
INTERFACE
1.8V
1.8V TO 5V
V+
≥ +6.5V
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
V–
≤ –0.5V
HOST
SUPPLY
100nF
100nF
5V
V–
AMP
VREF
0V
VCM = VREF/2
REF1
LDO
AMP
VCM = VREF/2
10µF
10kΩ
10kΩ
Figure 33. Typical Application Diagram with Multiple Supplies
C
R
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4000/
AD4004/
AD40082
1.8V
1.8V TO 5V
V+ = 5V
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
HOST
SUPPLY
100nF
100nF
4.096V
AMP
0.9 × VREF
0.1 × VREF
VCM = VREF/2
REF1
LDO
AMP
VCM = VREF/2
10µF1
10kΩ
10kΩ
3-WIRE/4-WIRE
INTERFACE
3
1SEE THE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X7R).
2SPAN COMPRESSION MODE ENABLED.
3SEE TABLE 10 FOR RC FILTER AND AMPLIFIER SELECTION.
Figure 34. Typical Application Diagram with a Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com