Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 1 Page - Analog Devices

  AD4000 Datasheet HTML 1Page - Analog Devices AD4000 Datasheet HTML 2Page - Analog Devices AD4000 Datasheet HTML 3Page - Analog Devices AD4000 Datasheet HTML 4Page - Analog Devices AD4000 Datasheet HTML 5Page - Analog Devices AD4000 Datasheet HTML 6Page - Analog Devices AD4000 Datasheet HTML 7Page - Analog Devices AD4000 Datasheet HTML 8Page - Analog Devices AD4000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
16-Bit, 2 MSPS/1 MSPS/500 kSPS,
Precision, Pseudo Differential, SAR ADCs
Data Sheet
AD4000/AD4004/AD4008
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Throughput: 2 MSPS/1 MSPS/500 kSPS options
INL: ±1.0 LSB maximum
Guaranteed 16-bit, no missing codes
Low power
9.75 mW at 2 MSPS, 4.9 mW at 1 MSPS, 2.5 mW at 500 kSPS
(VDD only)
70 µW at 10 kSPS, 14 mW at 2 MSPS (total)
SNR: 93 dB typical at 1 kHz, VREF = 5 V; 90 dB typical at 100 kHz
THD: −115 dB typical at 1 kHz,VREF = 5V; −95 dB typical at 100 kHz
Ease of use features reduce system power and complexity
Input overvoltage clamp circuit
Reduced nonlinear input charge kickback
High-Z mode
Long acquisition phase
Input span compression
Fast conversion time allows low SPI clock rates
SPI-programmable modes, read/write capability, status word
Pseudo differential (single-ended) analog input range
0 V to VREF with VREF from 2.4 V to 5.1 V
Single 1.8 V supply operation with 1.71 V to 5.5 V logic interface
SAR architecture: no latency/pipeline delay, valid first conversion
First conversion accurate
Guaranteed operation: −40°C to +125°C
SPI-/QSPI-/MICROWIRE-/DSP-compatible serial interface
Ability to daisy-chain multiple ADCs and busy indicator
10-lead packages: 3 mm × 3 mm LFCSP, 3 mm × 4.90 mm MSOP
APPLICATIONS
Automatic test equipment
Machine automation
Medical equipment
Battery-powered equipment
Precision data acquisition systems
GENERAL DESCRIPTION
The AD4000/AD4004/AD4008 are low noise, low power, high
speed, 16-bit, precision successive approximation register (SAR)
analog-to-digital converters (ADCs). The AD4000, AD4004,
and AD4008 offer 2 MSPS, 1 MSPS, and 500 kSPS throughputs,
respectively. They incorporate ease of use features that reduce
signal chain power consumption, reduce signal chain complexity,
and enable higher channel density. The high-Z mode, coupled
with a long acquisition phase, eliminates the need for a dedicated
high power, high speed ADC driver, thus broadening the range
of low power precision amplifiers that can drive these ADCs
directly while still achieving optimum performance. The input
span compression feature enables the ADC driver amplifier and
the ADC to operate off of common supply rails without the need
for a negative supply while preserving the full ADC code range.
The low serial peripheral interface (SPI) clock rate requirement
reduces the digital input/output power consumption, broadens
processor options, and simplifies the task of sending data across
digital isolation.
Operating from a 1.8 V supply, the AD4000/AD4004/AD4008
sample an analog input (IN+) from 0 V to VREF with respect to
a ground sense (IN−) with VREF ranging from 2.4 V to 5.1 V.
The AD4000 consumes only 14 mW at 2 MSPS with a minimum
SCK rate of 70 MHz in turbo mode, the AD4004 consumes only
7 mW at 1 MSPS, and the AD4008 consumes only 3.5 mW at
500 kSPS. The AD4000/AD4004/AD4008 all achieve ±1.0 LSB
integral nonlinearity error (INL) maximum, guaranteed no
missing codes at 16 bits, and 93 dB signal-to-noise ratio (SNR)
for 1 kHz inputs. The reference voltage is applied externally and
can be set independently of the supply voltage.
The SPI-compatible versatile serial interface features seven
different modes including the ability, using the SDI input, to
daisy-chain several ADCs on a single 3-wire bus, and provides
an optional busy indicator. The AD4000/AD4004/AD4008 are
compatible with 1.8 V, 2.5 V, 3 V, and 5 V logic, using the
separate VIO supply.
The AD4000/AD4004 are available in a 10-lead MSOP and a
10-lead LFCSP, and the AD4008 is available in a 10-lead LFCSP,
with operation specified from −40°C to +125°C. The devices are
pin compatible with the 18-bit, 2 MSPS AD4003 (see Table 8).
FUNCTIONAL BLOCK DIAGRAM
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4000/
AD4004/
AD4008
16-BIT
SAR ADC
SERIAL
INTERFACE
VIO
REF
VDD
VREF
0
VREF/2
HIGH-Z
MODE
CLAMP
SPAN
COMPRESSION
TURBO
MODE
STATUS
BITS
2.4V TO 5.1V
1.8V
10µF
1.8V TO 5V
3-WIRE OR 4-WIRE
SPI INTERFACE
(DAISY CHAIN, CS)
Figure 1.


Similar Part No. - AD4000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
4000 關m active area
logo
Analog Devices
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4000BRMZ AD-AD4000BRMZ Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4000BRMZ-RL7 AD-AD4000BRMZ-RL7 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
More results

Similar Description - AD4000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
MT-074 AD-MT-074 Datasheet
255Kb / 5P
Differential Drivers for Precision ADCs
REV. 0
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
Precision, Differential SAR ADCs
Rev. B
AD4002 AD-AD4002 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. PrA
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
Precision, Differential SAR ADCs
Rev. B
AD4020 AD-AD4020 Datasheet
789Kb / 37P
Precision SAR, Differential ADC
Rev. A
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com