Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4007
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4007 Datasheet HTML 16Page - Analog Devices AD4007 Datasheet HTML 17Page - Analog Devices AD4007 Datasheet HTML 18Page - Analog Devices AD4007 Datasheet HTML 19Page - Analog Devices AD4007 Datasheet HTML 20Page - Analog Devices AD4007 Datasheet HTML 21Page - Analog Devices AD4007 Datasheet HTML 22Page - Analog Devices AD4007 Datasheet HTML 23Page - Analog Devices AD4007 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 20 of 38
10µF
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4003/AD4007/
AD4011
3-WIRE/4-WIRE
INTERFACE
1.8V
1.8V TO 5V
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
4.096V
0.1µF
VOCM
R3
1kΩ
+IN
V+
–IN
–OUT
+OUT
R4
1kΩ
10kΩ
10kΩ
R2
1kΩ
R
R
DIFFERENTIAL
AMPLIFIER
R1
1kΩ
0.1µF
VCM = VREF/2
HOST
SUPPLY
V–
C
C
REF
V+ = 5V
LDO
AMP
VREF
0
VCM = VREF/2
VREF
0
VCM = VREF/2
0.1µF
VCM = VREF/2
Figure 35. Typical Application Diagram with a Fully Differential Amplifier
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4003/AD4007/
AD4011
1.8V TO 5V
+IN
–IN
R4
1kΩ
DIFFERENTIAL
AMPLIFIER
R1
1kΩ
V–
AMP
+VREF
–VREF
0V
1.8V
10µF
R3
1kΩ
V+
–OUT
+OUT
R2
1kΩ
R
R
0.1µF
VREF/2
HOST
SUPPLY
C
C
REF
V+ = 5V
LDO
10kΩ
10kΩ
VOCM
4.096V
0.1µF
0.1µF
3-WIRE/4-WIRE
INTERFACE
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
VCM = VREF/2
Figure 36. Typical Application Diagram for Single-Ended to Differential Conversion with a Fully Differential Amplifier
ANALOG INPUTS
Figure 37 shows an equivalent circuit of the analog input
structure, including the overvoltage clamp of the AD4003/
AD4007/AD4011.
CEXT
REXT
VIN
REF
D1
IN+/IN–
GND
CLAMP
0V TO 15V
RIN CIN
D2
CPIN
Figure 37. Equivalent Analog Input Circuit
Input Overvoltage Clamp Circuit
Most ADC analog inputs, IN+ and IN−, have no overvoltage
protection circuitry apart from ESD protection diodes. During
an overvoltage event, an ESD protection diode from an analog
input pin (IN+ or IN−) pin to REF forward biases and shorts
the input pin to REF, potentially overloading the reference or
causing damage to the device. The AD4003/AD4007/AD4011
internal overvoltage clamp circuit with a larger external resistor
(REXT = 200 Ω) eliminates the need for external protection
diodes and protects the ADC inputs against dc overvoltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com