Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4007
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4007 Datasheet HTML 25Page - Analog Devices AD4007 Datasheet HTML 26Page - Analog Devices AD4007 Datasheet HTML 27Page - Analog Devices AD4007 Datasheet HTML 28Page - Analog Devices AD4007 Datasheet HTML 29Page - Analog Devices AD4007 Datasheet HTML 30Page - Analog Devices AD4007 Datasheet HTML 31Page - Analog Devices AD4007 Datasheet HTML 32Page - Analog Devices AD4007 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet
AD4003/AD4007/AD4011
Rev. B | Page 29 of 38
CS MODE, 3-WIRE TURBO MODE
This mode is typically used when a single AD4003/AD4007/
AD4011 device is connected to an SPI-compatible digital host. It
provides additional time during the end of the ADC conversion
process to clock out the previous conversion result, providing a
lower SCK rate. The AD4003 can achieve a throughput rate of
2 MSPS only when turbo mode is enabled and using a minimum
SCK rate of 75 MHz. With turbo mode enabled, the AD4007 can
also achieve its maximum throughput rate of 1 MSPS with a
minimum SCK rate of 25 MHz, and the AD4011 can achieve its
maximum throughput rate of 500 kSPS with a minimum SCK
rate of 11 MHz. The connection diagram is shown in Figure 53,
and the corresponding timing diagram is shown in Figure 54.
This mode replaces the 3-wire with busy indicator mode by
programming the turbo mode bit, Bit 1 (see Table 14).
When SDI is forced high, a rising edge on CNV initiates a
conversion. The previous conversion data is available to read
after the CNV rising edge. The user must wait tQUIET1 time after
CNV is brought high before bringing CNV low to clock out the
previous conversion result. The user must also wait tQUIET2 time
after the last falling edge of SCK to when CNV is brought high.
When the conversion is complete, the AD4003/AD4007/AD4011
enter the acquisition phase and power down. When CNV goes
low, the MSB is output to SDO. The remaining data bits are
clocked by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can capture the data,
a digital host using the SCK falling edge allows a faster reading
rate, provided it has an acceptable hold time. After the 18th SCK
falling edge or when CNV goes high (whichever occurs first),
SDO returns to high impedance.
AD4003/
AD4007/
AD4011
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
Figure 53. CS Mode, 3-Wire Turbo Mode Connection Diagram (SDI High)
SDI = 1
tCYC
CNV
ACQUISITION
ACQUISITION
tACQ
tSCK
tSCKL
CONVERSION
SCK
D0
D1
D15
D16
D17
SDO
tEN
tHSDO
1
2
3
16
17
18
tDSDO
tDIS
tSCKH
tQUIET1
QUIET2
CONV
Figure
54. CS Mode, 3-Wire Turbo Mode Serial Interface Timing Diagram (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com