Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4007
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4007 Datasheet HTML 28Page - Analog Devices AD4007 Datasheet HTML 29Page - Analog Devices AD4007 Datasheet HTML 30Page - Analog Devices AD4007 Datasheet HTML 31Page - Analog Devices AD4007 Datasheet HTML 32Page - Analog Devices AD4007 Datasheet HTML 33Page - Analog Devices AD4007 Datasheet HTML 34Page - Analog Devices AD4007 Datasheet HTML 35Page - Analog Devices AD4007 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 32 of 38
CS MODE, 4-WIRE TURBO MODE
This mode is typically used when a single AD4003/AD4007/
AD4011 is connected to an SPI-compatible digital host. It provides
additional time during the end of the ADC conversion process
to clock out the previous conversion result, giving a lower SCK
rate. The AD4003 can achieve a throughput rate of 2 MSPS only
when turbo mode is enabled and using a minimum SCK rate of
75 MHz. With turbo mode enabled, the AD4007 can also achieve
its maximum throughput rate of 1 MSPS with a minimum SCK
rate of 25 MHz, and the AD4011 can achieve its maximum
throughput rate of 500 kSPS with a minimum SCK rate of 11 MHz.
The connection diagram is shown in Figure 59, and the corre-
sponding timing diagram is shown in Figure 60.
This mode replaces the 4-wire with busy indicator mode by
programming the turbo mode bit, Bit 1 (see Table 14).
With SDI high, a rising edge on CNV initiates a conversion.
The previous conversion data is available to read after the CNV
rising edge. The user must wait tQUIET1 time after CNV is brought
high before bringing SDI low to clock out the previous conversion
result. The user must also wait tQUIET2 time after the last falling
edge of SCK to when CNV is brought high.
When the conversion is complete, the AD4003/AD4007/AD4011
enter the acquisition phase and power down. The ADC result
can be read by bringing its SDI input low, which consequently
outputs the MSB onto SDO. The remaining data bits are then
clocked by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can capture the data,
a digital host using the SCK falling edge allows a faster reading
rate, provided it has an acceptable hold time. After the 18th SCK
falling edge or when SDI goes high (whichever occurs first), SDO
returns to high impedance.
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIO
1kΩ
CS1
AD4003/
AD4007/
AD4011
Figure 59. CS Mode, 4-Wire Turbo Mode Connection Diagram
ACQUISITION
SDO
SCK
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
tCYC
tSCK
tSCKL
tEN
tHSDO
12
3
16
17
18
tDSDO
tDIS
tSCKH
D17
D16
D15
D1
D0
tQUIET1
tQUIET2
tACQ
CONVERSION
tCONV
Figure 60. CS Mode, 4-Wire Turbo Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com