Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 24 Page - Analog Devices

Part # AD4007
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD4007 Datasheet HTML 20Page - Analog Devices AD4007 Datasheet HTML 21Page - Analog Devices AD4007 Datasheet HTML 22Page - Analog Devices AD4007 Datasheet HTML 23Page - Analog Devices AD4007 Datasheet HTML 24Page - Analog Devices AD4007 Datasheet HTML 25Page - Analog Devices AD4007 Datasheet HTML 26Page - Analog Devices AD4007 Datasheet HTML 27Page - Analog Devices AD4007 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 24 of 38
–85
–90
–100
–110
–95
–105
–115
–120
–125
1
10
20
INPUT FREQUENCY (KHz)
1kΩ HIGH-Z DISABLED
1kΩ HIGH-Z ENABLED
510Ω HIGH-Z DISABLED
510Ω HIGH-Z ENABLED
150Ω HIGH-Z DISABLED
150Ω HIGH-Z ENABLED
Figure 44. THD vs. Input Frequency for Various Source Impedance, VDD = 1.8
V, VIO = 3.3 V, VREF = 5 V, 25°C
Figure 45 and Figure 46 show the AD4003/AD4007/AD4011
SNR and THD performance using the ADA4077-1 (supply
current per amplifier (ISY) = 400 μA) and ADA4610-1
(ISY = 1.5 mA per amplifier) precision amplifiers when driving the
AD4003/AD4007/AD4011 at full throughput for high-Z mode
enabled and disabled with various RC filter values. These amplifiers
achieve 96 dB to 99 dB typical SNR and better than −110 dB
THD with high-Z enabled. THD is approximately 10 dB better
with high-Z mode enabled, even for large R values. SNR maintains
close to 99 dB even with a very low RC filter bandwidth cutoff.
When high-Z mode is enabled, the ADC consumes approximately
2 mW per MSPS extra power; however, this is still significantly
lower than using dedicated ADC drivers like the ADA4807-1.
For any system, the front end usually limits the overall ac/dc
performance of the signal chain. It is evident from the data sheets
of the selected precision amplifiers, shown in Figure 45 and
Figure 46, that their own noise and distortion performance
dominates the SNR and THD specification at a certain input
frequency.
100
97
91
85
94
88
82
76
79
73
70
260kHz
1.3kΩ
470pF
498kHz
680Ω
470pF
2.27MHz
390Ω
180pF
1.3MHz
680Ω
180pF
4.42MHz
200Ω
180pF
RC FILTER BANDWIDTH (Hz)
RESISTOR (Ω), CAPACITOR (pF)
ADA4077-1 HIGH-Z DISABLED
ADA4077-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
Figure 45. SNR vs. RC Filter Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled), VDD = 1.8 V, VIO =
3.3 V, VREF = 5 V, 25°C
–80
–84
–92
–100
–88
–96
–104
–112
–108
–116
–120
260kHz
1.3kΩ
470pF
498kHz
680Ω
470pF
2.27MHz
390Ω
180pF
1.3MHz
680Ω
180pF
4.42MHz
200Ω
180pF
RC FILTER BANDWIDTH (Hz)
RESISTOR (Ω), CAPACITOR (pF)
ADA4077-1 HIGH-Z DISABLED
ADA4077-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
Figure 46. THD vs. RC Filter Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled) VDD = 1.8 V, VIO =
3.3 V, VREF = 5 V, 25°C
Long Acquisition Phase
The AD4003/AD4007/AD4011 also feature a very fast
conversion time of 290 ns, which results in a long acquisition
phase. The acquisition is further extended by a key feature of the
AD4003/AD4007/AD4011; the ADC returns back to the
acquisition phase typically 100 ns before the end of the conversion.
This feature provides an even longer time for the ADC to acquire
the new input voltage. A longer acquisition phase reduces the
settling requirement on the driving amplifier, and a lower
power/bandwidth amplifier can be chosen. The longer acquisition
phase means that a lower RC filter (represented by R and C in
Figure 33 and Figure 36) cutoff can be used, which means a
noisier amplifier can also be tolerated. A larger value of R can
be used in the RC filter with a corresponding smaller value of C,
reducing amplifier stability concerns without affecting distortion
performance significantly. A larger value of R also results in
reduced dynamic power dissipation in the amplifier.
See Table 10 for details on setting the RC filter bandwidth and
choosing a suitable amplifier.
VOLTAGE REFERENCE INPUT
A 10 μF (X7R, 0805 size) ceramic chip capacitor is appropriate
for the optimum performance of the reference input.
For higher performance and lower drift, use a reference such as
the ADR4550. Use a low power reference such as the ADR3450
at the expense of a slight decrease in the noise performance. It is
recommended to use a reference buffer, such as the ADA4807-1,
between the reference and the ADC reference input. It is important
to consider the optimum capacitance necessary to keep the
reference buffer stable as well as to meet the minimum ADC
requirement stated previously in this section (that is, a 10 μF
ceramic chip capacitor, CREF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com