Electronic Components Datasheet Search
  English  ▼

X  

MT9V403 Datasheet(PDF) 12 Page - Micron Technology

Part # MT9V403
Description  1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V403 Datasheet(HTML) 12 Page - Micron Technology

Back Button MT9V403 Datasheet HTML 8Page - Micron Technology MT9V403 Datasheet HTML 9Page - Micron Technology MT9V403 Datasheet HTML 10Page - Micron Technology MT9V403 Datasheet HTML 11Page - Micron Technology MT9V403 Datasheet HTML 12Page - Micron Technology MT9V403 Datasheet HTML 13Page - Micron Technology MT9V403 Datasheet HTML 14Page - Micron Technology MT9V403 Datasheet HTML 15Page - Micron Technology MT9V403 Datasheet HTML 16Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS
ACTIVE-PIXEL DIGITAL IMAGE SENSOR
09005aef80c07280
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V403_DS.fm - Rev. B 1/04 EN
12
©2004 Micron Technology. Inc.
To increase intrascene dynamic range of the sensor
in slave mode, the user can implement dual sampling.
This is possible by applying an additional TX pulse
during the integration period. By doing this, one com-
bines two photo signals after different exposures.
Figure 17 shows an example of the timing. N1 is the
number of rows in the first exposure. N2 is the number
of rows in the second exposure. N1 = 502 for the full
frame exposure time. The intrascene dynamic range
capability of the sensor is extended by the factor N1/
N2. For N1 = 500 and N2 = 2, the dynamic range
enhancement is approximately 48 dB. Figure 18 shows
output signal vs. photocurrent. The knee point is
dependent on the VRSTLOW bias, which determines
the charge capacity of the photodiode. The saturation
level of photodiode must be less than the saturation
level of the ADC. Setting VRSTLOW to 1.2V is enough
for the default gain settings. The slope of the curve
after the knee point or compression level is deter-
mined by the N1/N2 ratio.
Figure 17: Extended High Dynamic Range Timing in Slave Mode
Figure 18: Output Signal vs. Photocurrent
TX_N
PG_N
DATA [9:0]
Exposure
N1
N2
XXX
XXX
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
Readout Time
Iph
Signal
ADC saturation level
RI
Compressed
region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com