Electronic Components Datasheet Search
  English  ▼

X  

MT9V403 Datasheet(PDF) 24 Page - Micron Technology

Part # MT9V403
Description  1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V403 Datasheet(HTML) 24 Page - Micron Technology

Back Button MT9V403 Datasheet HTML 20Page - Micron Technology MT9V403 Datasheet HTML 21Page - Micron Technology MT9V403 Datasheet HTML 22Page - Micron Technology MT9V403 Datasheet HTML 23Page - Micron Technology MT9V403 Datasheet HTML 24Page - Micron Technology MT9V403 Datasheet HTML 25Page - Micron Technology MT9V403 Datasheet HTML 26Page - Micron Technology MT9V403 Datasheet HTML 27Page - Micron Technology MT9V403 Datasheet HTML 28Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS
ACTIVE-PIXEL DIGITAL IMAGE SENSOR
09005aef80c07280
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V403_DS.fm - Rev. B 1/04 EN
24
©2004 Micron Technology. Inc.
Figure 29: Board Connections
NOTE:
1. VLN1, VLP, VOFF, VREF, VREF1, VLN2, and VREF2 are generated on-chip, but user may disable internal bias (via two-
wire serial interface) and apply external voltages to sensor. VREF1DRV is generated on chip but its internal bias can-
not be disabled. VRST_PIX and VRSTLOW are not generated internally and external voltages must be applied.
2. All bias pins should be decoupled with 0.1µF ceramic and 10µF electrolytic capacitors. (Please see board connections.)
Capacitors should be placed as physically close as possible to the MT9V403 package.
3. Digital outputs can drive standard CMOS circuits with 30pF load, but less load capacitance results in less substrate
noise on-chip. This is recommended to minimize load capacitance for better noise performance.
DATA0 3
DATA1 2
DATA2 1
DATA3 48
DATA4 47
DATA5 46
DATA6 42
DATA7 45
DATA8 40
DATA9 41
Pixel
Data
Output
8
VREF1DRV
17
VLN1
19
VLP
9
VREF1
7
VREF2
14
VTEST1
Analog +3.3V
Digital +3.3V
1.5k
Ω
1k
Ω
0.1µF
10µF
0.1µF
10µF
Analog +3.3V
0.1µF
10µF
Analog +3.3V
1k
Ω
1k
Ω
0.1µF
10µF
Analog +3.3V
1k
Ω
0.1µF
10µF
Analog +3.3V
1k
Ω
0.1µF
10µF
Analog +3.3V
1k
Ω
0.1µF
10µF
Analog +3.3V
1k
Ω
0.1µF
10µF
Analog +3.3V
1k
Ω
0.1µF
10µF
Analog +3.3V
1k
Ω
0.1µF
10µF
Analog +3.3V
1k
Ω
0.1µF
10µF
Analog Ground
Digital Ground
Controller
Interface
39
SDATA
32
FRAME_SYNC_N
37
SYSCLK
29
EXPOSE
31
ROW_VALID/LD_SHFT_N
38
SCLK
30
FRAME_VALID/ROW_STRT
33
LRST_N
26
PG_N
25
TX
24
RESMEM
VRSTLOW
23
VLNS
18
VLN2
21
VRST_PIX
20
VREF
16
VOFF
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com