Electronic Components Datasheet Search
  English  ▼

X  

MT9V403 Datasheet(PDF) 16 Page - Micron Technology

Part # MT9V403
Description  1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V403 Datasheet(HTML) 16 Page - Micron Technology

Back Button MT9V403 Datasheet HTML 12Page - Micron Technology MT9V403 Datasheet HTML 13Page - Micron Technology MT9V403 Datasheet HTML 14Page - Micron Technology MT9V403 Datasheet HTML 15Page - Micron Technology MT9V403 Datasheet HTML 16Page - Micron Technology MT9V403 Datasheet HTML 17Page - Micron Technology MT9V403 Datasheet HTML 18Page - Micron Technology MT9V403 Datasheet HTML 19Page - Micron Technology MT9V403 Datasheet HTML 20Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS
ACTIVE-PIXEL DIGITAL IMAGE SENSOR
09005aef80c07280
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V403_DS.fm - Rev. B 1/04 EN
16
©2004 Micron Technology. Inc.
W/R
Reg17
VLN2 bias control.
Bit 7 = 1 disable internal bias.
Bit 0 = 1 high bias.
Bit 1 = 1 low bias.
Bits 3–15 not used, set to 0.
0000000000000000
00010001
W/R
Reg18
VLN_OUT bias control.
Bit 7 = 1disable internal bias.
Bit 0 = 1 high bias.
Bit 1 = 1 low bias.
Bits 3–6, 8–15 not used, set to 0.
0000000000000000
00010010
W/R
Reg19
VLN1 bias control.
Bit 7 = disable internal bias.
Bit 0 = 1 high bias.
Bit 1 = 1 low bias.
Bits 3–6, 8–15 not used, set to 0.
0000000000000000
00010011
W/R
Reg20
VLP bias control.
Bit 7 = 1 disable internal control.
Bit 0 = 1 high bias.
Bit 1 = 1 low bias.
Bits 3–6, 8–15 not used, set to 0.
0000000000000000
00010100
W/R
Reg21
VREF bias control.
Bit 0-3 = bias value.
Bit 7 = 1 disable internal bias.
Bits 4–6, 8–15 not used, set to 0.
0000000000001010
00010101
W/R
Reg22
VREF2 bias control.
Bit 0-3 bias value.
Bit 7= 1 disable internal bias.
Bits 4–6, 8–15 not used, set to 0.
0000000000001010
00010110
W/R
Reg23
VOFF bias control.
Bit 0-3 bias value.
Bit 6 = 1 sign of offset is negative.
Bit 7 = 1 disable internal bias.
Bits 4–5, 8–15 not used, set to 0.
0000000000000000
00010111
W/R
Reg29
VLN2 bias booster.
Bit 3 = 1 high bias.
0000000000000000
00011101
W/R
Reg43
Blue gain settings.
Default gain is 2.
Gain settings range is from 1 (00000001) to 18
(00010010).
********00000010
00101011
W/R
Reg44
Green 1 gain settings. Default gain is 2.
Gain settings range is from 1 (00000001) to 18
(00010010).
********00000010
00101100
W/R
Reg45
Green 2 gain settings. Default gain is 2.
Gain settings range is from 1 (00000001) to 18
(00010010).
********00000010
00101101
W/R
Reg46
Red gain settings. Default gain is 2.
Gain settings range is from 1 (00000001) to 18
(00010010).
********00000010
00101110
W/R
Reg53
Global gain control.
Bit 0 = 1 gain is multiplied by factor of 0.5
*********0000000
00110101
Table 4:
Complete Register Description (continued)
READ/
WRITE
CONTROL
REGISTER
NAME
FUNCTION
DEFAULT CONTENTS
REGISTER
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com