Electronic Components Datasheet Search
  English  ▼

X  

MT9V403 Datasheet(PDF) 22 Page - Micron Technology

Part # MT9V403
Description  1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V403 Datasheet(HTML) 22 Page - Micron Technology

Back Button MT9V403 Datasheet HTML 18Page - Micron Technology MT9V403 Datasheet HTML 19Page - Micron Technology MT9V403 Datasheet HTML 20Page - Micron Technology MT9V403 Datasheet HTML 21Page - Micron Technology MT9V403 Datasheet HTML 22Page - Micron Technology MT9V403 Datasheet HTML 23Page - Micron Technology MT9V403 Datasheet HTML 24Page - Micron Technology MT9V403 Datasheet HTML 25Page - Micron Technology MT9V403 Datasheet HTML 26Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS
ACTIVE-PIXEL DIGITAL IMAGE SENSOR
09005aef80c07280
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V403_DS.fm - Rev. B 1/04 EN
22
©2004 Micron Technology. Inc.
Table 6:
Pixel Gain Matrix
ADC calibration takes 146 SYSCLK cycles. Nomi-
nally, calibration should be initiated through the appli-
cation of LRST_N, in which case the calibration takes
place upon release of the LRST_N. Some applications
may require initiating calibration by asynchronously
writing a one- to two-wire serial interface to register
12, in which case the calibration is delayed until the
beginning of the next frame. Calibration will continue
to occur every frame until a zero is written to register
12. A timing diagram for the two-wire serial interface
initiated calibration is shown in Figure 28.
In master mode and snapshot mode, during two-
wire serial interface initiated calibration, ROW_VALID
goes HIGH for 146 SYSCLK immediately after
FRAME_VALID goes HIGH to indicate that the calibra-
tion process is occurring. The output of the sensor is
interrupted during the calibration process to prevent
output noise from corrupting the calibration. After the
calibration process is complete, ROW_VALID goes
REGISTERS 43-46
REGISTER 53
TOTAL GAIN
0000 0001
01.0
0000 0010
02.0
0000 0011
03.0
0000 0100
04.0
0000 0101
05.0
0000 0110
06.0
0000 0111
07.
0000 1000
08.0
0000 1001
09.0
0000 1010
0
10.0
0000 1011
0
11.0
0000 1100
0
12.0
0000 1101
0
13.0
0000 1110
0
14.0
0000 1111
0
15.0
0001 0000
0
16.0
0001 0001
0
17.0
0001 0010
0
18.0
0000 0001
10.5
0000 0010
11.0
0000 0011
11.5
0000 0100
12.0
0000 0101
12.5
0000 0110
13.0
0000 0111
13.5
0000 1000
14.0
0000 1001
14.5
0000 1010
15.0
0000 1011
15.5
0000 1100
16.0
0000 1101
16.5
0000 1110
17.0
0000 1111
17.5
0001 0000
18.0
0001 0001
18.5
0001 0010
19.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com