Electronic Components Datasheet Search
  English  ▼

X  

MT9V403 Datasheet(PDF) 18 Page - Micron Technology

Part # MT9V403
Description  1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V403 Datasheet(HTML) 18 Page - Micron Technology

Back Button MT9V403 Datasheet HTML 14Page - Micron Technology MT9V403 Datasheet HTML 15Page - Micron Technology MT9V403 Datasheet HTML 16Page - Micron Technology MT9V403 Datasheet HTML 17Page - Micron Technology MT9V403 Datasheet HTML 18Page - Micron Technology MT9V403 Datasheet HTML 19Page - Micron Technology MT9V403 Datasheet HTML 20Page - Micron Technology MT9V403 Datasheet HTML 21Page - Micron Technology MT9V403 Datasheet HTML 22Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS
ACTIVE-PIXEL DIGITAL IMAGE SENSOR
09005aef80c07280
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V403_DS.fm - Rev. B 1/04 EN
18
©2004 Micron Technology. Inc.
Window Location and Size
There is also an option to scan just a window of
interest by using the two-wire serial interface to spec-
ify the coordinates of the upper right most pixel and
the lower left most pixel to define the desired window-
ing area as shown in Figure 22. The user can increase
the frame rate by decreasing the number of rows in a
window. Decreasing the number of columns has no
effect on frame rate. For example, for the full 667 col-
umn by 502 row resolution the MT9V403 operates at
196 fps, but if the vertical resolution is decreased by
half (i.e., 251 rows) the frame rate increases propor-
tionally so the frame rate is doubled to 392 fps.
Figure 22: Windowing Example
When windowing is utilized, the user should be
aware of how the sensor timing is impacted. A key
point to note is that the row time is always 671 clock
cycles, independent of how many columns are actually
read out of the sensor. Figure 23 provides a master
mode row timing example for windowing from column
100 to column 200. This shows how changing the num-
ber of columns in a window will not change the timing
nor the frame rate. Figure 24 provides a master mode
frame timing example for windowing from row 300 to
row 400. This shows how changing the number of rows
in a window will increase the frame rate.
Figure 23: Row Timing for Master Mode and Snapshot Mode with Windowing
Figure 24: Frame Timing for Master Mode and Snapshot Mode with Windowing
(1, 1)
(502,667)
START WINDOW
(ROW,COLUMN)
STOP WINDOW
(ROW,COLUMN)
SYSCLK
(input)
ROW_VALID
(output)
DATA [9:0]
(output)
1
671
1
(
)
(
)
XXX
XXX
XXX
XXX
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
Start
Column
Stop
Column
101
100
200
199
101
100
200
199
Vertical Blanking
FRAME_VALID
(output)
ROW_VALID
(output)
DATA [9:0]
(output)
XXX
XXX
Row
301
Row
300
Row
N
Row
N-1
Row
398
Row
397
Row
300
Row
301
XXX
XXX
Row
399
Row
N
Row
N-1
Row
398
Row
397
Row
399
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
Start
Row
Stop
Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com