Electronic Components Datasheet Search
  English  ▼

X  

MT9V403 Datasheet(PDF) 32 Page - Micron Technology

Part # MT9V403
Description  1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V403 Datasheet(HTML) 32 Page - Micron Technology

Back Button MT9V403 Datasheet HTML 25Page - Micron Technology MT9V403 Datasheet HTML 26Page - Micron Technology MT9V403 Datasheet HTML 27Page - Micron Technology MT9V403 Datasheet HTML 28Page - Micron Technology MT9V403 Datasheet HTML 29Page - Micron Technology MT9V403 Datasheet HTML 30Page - Micron Technology MT9V403 Datasheet HTML 31Page - Micron Technology MT9V403 Datasheet HTML 32Page - Micron Technology MT9V403 Datasheet HTML 33Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS
ACTIVE-PIXEL DIGITAL IMAGE SENSOR
09005aef80c07280
Micron Technology, Inc., reserves the right to change products or specifications without notice..
MT9V403_DS.fm - Rev. B 1/04 EN
32
©2004 Micron Technology, Inc
®
8000 S. Federal Way, P.O. Box 6, Boise, ID 83707-0006, Tel: 208-368-3900
E-mail: prodmktg@micron.com, Internet: http://www.micron.com, Customer Comment Line: 800-932-4992
Micron, the M logo, the Micron logo, and TrueSNAP are trademarks of Micron Technology, Inc.
All other trademarks are the property of their respective owners.
Figure 41: Package View – Bottom View
Figure 42: Package Drawing - Side View
NOTE:
1. Dimensions in millimeters.
2. Borosilicate: glass with refractive index: 1.52nm at 546nm.
3.
Data Sheet Designation
No Marking: This data sheet contains minimum and maximum limits specified over the complete power supply
and temperature range for production devices. Although considered final, these specifications are
subject to change, as further product development and data characterization sometimes occur.
1.75
2.25
1.02 TYP
11.18 TYP
0.51 TYP
1.02 TYP
Pin No.1
index
1.52 TYP
30
6
43
48
42
18
19
31
7
glass
0.746
1.178
0.246
0.578
0.710
0.740
0.50
0.60
1.01
1.27
0.38
0.56
1.91
2.46
1.11
1.34
Die
MAX
MIN
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com