Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7175-2
Description  24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 9Page - Analog Devices AD7175-2 Datasheet HTML 10Page - Analog Devices AD7175-2 Datasheet HTML 11Page - Analog Devices AD7175-2 Datasheet HTML 12Page - Analog Devices AD7175-2 Datasheet HTML 13Page - Analog Devices AD7175-2 Datasheet HTML 14Page - Analog Devices AD7175-2 Datasheet HTML 15Page - Analog Devices AD7175-2 Datasheet HTML 16Page - Analog Devices AD7175-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
AD7175-2
Data Sheet
Rev. B | Page 12 of 62
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V, TA = 25°C, unless otherwise noted.
0
1000
900
800
700
600
500
400
300
200
100
SAMPLE NUMBER
8386000
8386500
8387000
8387500
8388000
8388500
8389000
8389500
8390000
Figure 5. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 5 SPS)
0
1000
900
800
700
600
500
400
300
200
100
SAMPLE NUMBER
8388445
8388450
8388455
8388460
8388465
8388470
8388475
8388480
Figure 6. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 10 kSPS)
0
1000
900
800
700
600
500
400
300
200
100
SAMPLE NUMBER
8388400
8388420
8388440
8388460
8388480
8388500
8388520
Figure 7. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 250 kSPS)
ADC CODE
0
1000
900
800
700
600
500
400
300
200
100
8388460 8388461 8388462 8388463 8388464 8388465 8388466
Figure 8. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 5 SPS)
ADC CODE
0
120
100
80
60
40
20
Figure 9. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 10 kSPS)
ADC CODE
0
45
40
35
30
25
20
15
10
5
Figure 10. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 250 kSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com