Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7175-2
Description  24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 25Page - Analog Devices AD7175-2 Datasheet HTML 26Page - Analog Devices AD7175-2 Datasheet HTML 27Page - Analog Devices AD7175-2 Datasheet HTML 28Page - Analog Devices AD7175-2 Datasheet HTML 29Page - Analog Devices AD7175-2 Datasheet HTML 30Page - Analog Devices AD7175-2 Datasheet HTML 31Page - Analog Devices AD7175-2 Datasheet HTML 32Page - Analog Devices AD7175-2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
AD7175-2
Data Sheet
Rev. B | Page 28 of 62
CIRCUIT DESCRIPTION
BUFFERED ANALOG INPUT
The AD7175-2 has true rail-to-rail, integrated, precision unity
gain buffers on both ADC analog inputs. The buffers provide
the benefit of giving the user high input impedance with only
30 nA typical input current, allowing high impedance sources
to be connected directly to the analog inputs. The buffers fully
drive the internal ADC switch capacitor sampling network,
simplifying the analog front-end circuit requirements while
consuming a very efficient 2.9 mA typical per buffer. Each analog
input buffer amplifier is fully chopped, meaning that it minimizes
the offset error drift and 1/f noise of the buffer. The 1/f noise
profile of the ADC and buffer combined is shown in Figure 53.
–250
–200
–150
–100
–50
0
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 53. Shorted Input FFT (Analog Input Buffers Enabled)
The analog input buffers do not suffer from linearity
degradation when operating at the rails, unlike many discrete
amplifiers. When operating at or close to the AVDD1 and AVSS
supply rails, there is an increase in input current. This increase
is most notable at higher temperatures. Figure 42 and Figure 43
show the input current for various conditions. With the analog
input buffers disabled, the average input current to the AD7175-2
changes linearly with the differential input voltage at a rate of
48 µA/V.
CROSSPOINT MULTIPLEXER
There are five analog input pins: AIN0, AIN1, AIN2, AIN3, and
AIN4. Each of these pins connects to the internal crosspoint
multiplexer. The crosspoint multiplexer enables any of these inputs
to be configured as an input pair, either single-ended or fully
differential. The AD7175-2 can have up to four active channels.
When more than one channel is enabled, the channels are
automatically sequenced in order from the lowest enabled channel
number to the highest enabled channel number. The output of
the multiplexer is connected to the input of the integrated true
rail-to-rail buffers. These can be bypassed and the multiplexer
output can be directly connected to the switched-capacitor input
of the ADC. The simplified analog input circuit is shown in
Figure 54.
AIN0
AIN1
AVDD1
AVSS
AVSS
AVSS
AVDD1
AVSS
AIN2
AVDD1
AIN4
AVDD1
AIN3
AVDD1
AVSS
Ø1
CS1
CS2
+IN
–IN
Ø2
Ø2
Ø1
Figure 54. Simplified Analog Input Circuit
The CS1 and CS2 capacitors have a magnitude in the order of a
number of picofarads each. This capacitance is the combination
of both the sampling capacitance and the parasitic capacitance.
Fully Differential Inputs
Because the AIN0 to AIN4 analog inputs are connected to a
crosspoint multiplexer, any combination of signals can create an
analog input pair. This allows the user to select two fully
differential inputs or four single-ended inputs.
If two fully differential input paths are connected to the AD7175-2,
using AIN0/AIN1 as one differential input pair and AIN2/AIN3
as the second differential input pair is recommended. This is
due to the relative locations of these pins to each other. Decouple all
analog inputs to AVSS.
Single-Ended Inputs
The user can also choose to measure four different single-ended
analog inputs. In this case, each of the analog inputs is converted
as the difference between the single-ended input to be
measured and a set analog input common pin. Because there is
a crosspoint multiplexer, the user can set any of the analog inputs
as the common pin. An example of such a scenario is to connect
the AIN4 pin to AVSS or to the REFOUT voltage (that is, AVSS
+ 2.5 V) and select this input when configuring the crosspoint
multiplexer. When using the AD7175-2 with single-ended
inputs, the INL specification is degraded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com