Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7175-2
Description  24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 19Page - Analog Devices AD7175-2 Datasheet HTML 20Page - Analog Devices AD7175-2 Datasheet HTML 21Page - Analog Devices AD7175-2 Datasheet HTML 22Page - Analog Devices AD7175-2 Datasheet HTML 23Page - Analog Devices AD7175-2 Datasheet HTML 24Page - Analog Devices AD7175-2 Datasheet HTML 25Page - Analog Devices AD7175-2 Datasheet HTML 26Page - Analog Devices AD7175-2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
AD7175-2
Data Sheet
Rev. B | Page 22 of 62
Reading the ID register is the recommended method for verifying
correct communication with the device. The ID register is a
read only register and contains the value 0x0CDX for the
AD7175-2. The communications register and the ID register
details are described in Table 8 and Table 9.
AD7175-2 RESET
In situations where interface synchronization is lost, a write
operation of at least 64 serial clock cycles with DIN high returns the
ADC to the default state by resetting the entire device, including
the register contents. Alternatively, if CS is being used with the
digital interface, returning CS high sets the digital interface to
the default state and halts any serial interface operation.
CONFIGURATION OVERVIEW
After power-on or reset, the AD7175-2 default configuration is
as follows:
Channel configuration. CH0 is enabled, AIN0 is selected
as the positive input, and AIN1 is selected as the negative
input. Setup 0 is selected.
Setup configuration. The internal reference and the analog
input buffers are enabled. The reference input buffers are
disabled.
Filter configuration. The sinc5 + sinc 1 filter is selected and
the maximum output data rate of 250 kSPS is selected.
ADC mode. Continuous conversion mode and the internal
oscillator are enabled.
Interface mode. CRC and data + status output are disabled.
Note that only a few of the register setting options are shown;
this list is just an example. For full register information, see the
Register Details section.
Figure 48 shows an overview of the suggested flow for changing
the ADC configuration, divided into the following three blocks:
Channel configuration (see Box A in Figure 48)
Setup configuration (see Box B in Figure 48)
ADC mode and interface mode configuration (see Box C
in Figure 48)
Channel Configuration
The AD7175-2 has four independent channels and four independ-
ent setups. The user can select any of the analog input pairs on
any channel, as well as any of the four setups for any channel,
giving the user full flexibility in the channel configuration. This
also allows per channel configuration when using differential
inputs and single-ended inputs because each channel can have a
dedicated setup.
Channel Registers
The channel registers select which of the five analog input pins
(AIN0 to AIN4) are used as either the positive analog input (AIN+)
or the negative analog input (AIN−) for that channel. This register
also contains a channel enable/disable bit and the setup selection
bits, which pick which of the four available setups to use for this
channel.
When the AD7175-2 is operating with more than one channel
enabled, the channel sequencer cycles through the enabled
channels in sequential order, from Channel 0 to Channel 3. If a
channel is disabled, it is skipped by the sequencer. Details of the
channel register for Channel 0 are shown in Table 10.
ADC MODE AND INTERFACE MODE CONFIGURATION
SELECT ADC OPERATING MODE, CLOCK SOURCE,
ENABLE CRC, DATA + STATUS, AND MORE
SETUP CONFIGURATION
4 POSSIBLE ADC SETUPS
SELECT FILTER ORDER, OUTPUT DATA RATE, AND MORE
CHANNEL CONFIGURATION
SELECT POSITIVE AND NEGATIVE INPUT FOR EACH ADC CHANNEL
SELECT ONE OF 4 SETUPS FOR ADC CHANNEL
A
B
C
Figure 48. Suggested ADC Configuration Flow
Table 8. Communications Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
COMMS
[7:0]
WEN
R/W
RA
0x00
W
Table 9. ID Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x07
ID
[15:8]
ID[15:8]
0x0CDX
R
[7:0]
ID[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com