Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7175-2
Description  24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 24Page - Analog Devices AD7175-2 Datasheet HTML 25Page - Analog Devices AD7175-2 Datasheet HTML 26Page - Analog Devices AD7175-2 Datasheet HTML 27Page - Analog Devices AD7175-2 Datasheet HTML 28Page - Analog Devices AD7175-2 Datasheet HTML 29Page - Analog Devices AD7175-2 Datasheet HTML 30Page - Analog Devices AD7175-2 Datasheet HTML 31Page - Analog Devices AD7175-2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
Data Sheet
AD7175-2
Rev. B | Page 27 of 62
Figure 52 shows an example of how the channel registers span
between the analog input pins and the setup configurations
downstream. In this example, one differential input and two single-
ended inputs are required. The single-ended inputs are the AIN2/
AIN4 and AIN3/AIN4 combinations. The differential input pairs
is AIN0/AIN1and uses Setup 0. The two single-ended input pairs
are set up as diagnostics; therefore, use a separate setup from the
differential input but share a setup between them, Setup 1.
Given that two setups are selected for use, the SETUPCON0
and SETUPCON1 registers are programmed as required, and the
FILTCON0 and FILTCON1 registers are also programmed as
desired. Optional gain and offset correction can be employed
on a per setup basis by programming the GAIN0 and GAIN1
registers and the OFFSET0 and OFFSET1 registers.
In the example shown in Figure 52, the CH0 to CH2 registers
are used. Setting the MSB in each of these registers, the CH_EN0
to CH_EN2 bits enable the three combinations via the crosspoint
mux. When the AD7175-2 converts, the sequencer transitions
in ascending sequential order from CH0 to CH1 to CH2 before
looping back to CH0 to repeat the sequence.
SETUP CONFIG
REGISTERS
FILTER CONFIG
REGISTERS
OFFSET REGISTERS
GAIN REGISTERS*
SELECT PERIPHERAL
FUNCTIONS FOR
ADC CHANNEL
SELECT ANALOG INPUT PARTS
ENABLE THE CHANNEL
SELECT SETUP
SELECT DIGITAL
FILTER TYPE
AND OUTPUT DATA RATE
GAIN CORRECTION
OPTIONALLY
PROGRAMMED
PER SETUP AS REQUIRED
(*FACTORY CALIBRATED)
OFFSET CORRECTION
OPTIONALLY PROGRAMMED
PER SETUP AS REQUIRED
0x20
0x21
0x22
0x23
0x28
0x29
0x2A
0x2B
0x38
0x39
0x3A
0x3B
0x30
0x31
0x32
0x33
SETUPCON3
SETUPCON0
SETUPCON2
SETUPCON1
FILTCON3
FILTCON0
FILTCON2
FILTCON1
GAIN3
GAIN0
GAIN2
GAIN1
OFFSET3
OFFSET0
OFFSET2
OFFSET1
0x10
CH0
0x11
CH1
0x12
CH2
0x13
CH3
AIN0
AIN1
AIN2
AIN3
AIN4
CHANNEL
REGISTERS
DATA OUTPUT CODING
REFERENCE SOURCE
INPUT BUFFERS
SINC5 + SINC1
SINC3
SINC3 MAP
ENHANCED 50Hz AND 60Hz
Figure 52. Mixed Differential and Single-Ended Configuration Using Multiple Shared Setups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com