Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7175-2
Description  24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 12Page - Analog Devices AD7175-2 Datasheet HTML 13Page - Analog Devices AD7175-2 Datasheet HTML 14Page - Analog Devices AD7175-2 Datasheet HTML 15Page - Analog Devices AD7175-2 Datasheet HTML 16Page - Analog Devices AD7175-2 Datasheet HTML 17Page - Analog Devices AD7175-2 Datasheet HTML 18Page - Analog Devices AD7175-2 Datasheet HTML 19Page - Analog Devices AD7175-2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
Data Sheet
AD7175-2
Rev. B | Page 15 of 62
–5
–4
–3
–2
–1
0
1
2
3
4
5
VIN (V)
–20
–15
–10
–5
0
5
10
15
20
INTERNAL 2.5V REF,
ANALOG INPUT BUFFERS OFF
INTERNAL 2.5V REF,
ANALOG INPUT BUFFERS ON
EXTERNAL 2.5V REF,
ANALOG INPUT BUFFERS OFF
EXTERNAL 2.5V REF,
ANALOG INPUT BUFFERS ON
EXTERNAL 5V REF,
ANALOG INPUT BUFFERS OFF
EXTERNAL 5V REF,
ANALOG INPUT BUFFERS ON
Figure 23. Integral Nonlinearity (INL) vs. VIN
(Differential Input)
INL ERROR (ppm)
0
5
10
15
30
25
20
2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00
Figure 24. Integral Nonlinearity (INL) Distribution Histogram (Differential
Input, Analog Input Buffers Enabled, VREF = 2.5 V External, 100 Units)
INL ERROR (ppm)
0
5
10
15
30
25
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Figure 25. Integral Nonlinearity (INL) Distribution Histogram (Differential
Input, Analog Input Buffers Disabled, VREF = 2.5 V External, 100 Units)
INL ERROR (ppm)
0
5
10
15
30
25
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 26. Integral Nonlinearity (INL) Distribution Histogram (Analog Input
Buffers Enabled, Differential Input, VREF = 5 V External, 100 Units)
INL ERROR (ppm)
0
5
10
15
30
25
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 27. Integral Nonlinearity (INL) Distribution Histogram (Analog Input
Buffers Disabled, Differential Input, VREF = 5 V External, 100 Units)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
BUFFER DISABLED
BUFFER ENABLED
Figure 28. Integral Nonlinearity (INL) vs. Temperature
(Differential Input, VREF = 2.5 V External)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com