Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9683 Datasheet HTML 32Page - Analog Devices AD9683 Datasheet HTML 33Page - Analog Devices AD9683 Datasheet HTML 34Page - Analog Devices AD9683 Datasheet HTML 35Page - Analog Devices AD9683 Datasheet HTML 36Page - Analog Devices AD9683 Datasheet HTML 37Page - Analog Devices AD9683 Datasheet HTML 38Page - Analog Devices AD9683 Datasheet HTML 39Page - Analog Devices AD9683 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 35 of 44
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 17 are not currently supported for this device.
Table 17. Memory Map Registers
Reg
Addr
(Hex)
Reg Addr
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x00
SPI port
configuration
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
0x01
Chip ID
AD9683 8-bit chip ID is 0xC3
0xC3
Read only
0x02
Chip grade
Speed grade:
00 = 250 MSPS,
11 = 170 MSPS
Reserved for chip die revision, currently
0x0
0x00
or 0x30
0x08
PDWN modes
External
PDWN
mode:
0 =
PDWN is
full
power-
down,
1 =
PDWN
puts
device in
standby
JESD204B
standby
mode
(when
external
PDWN is
used):
0 =
JESD204B
core is
unaffected,
1 =
JESD204B
core is
powered
down
except for
PLL
JESD204B power modes:
00 = normal mode
(power-up);
01 = power-down
mode, PLL off, serializer
off, clocks stopped,
digital held in reset;
10 = standby mode, PLL
on, serializer off, clocks
stopped, digital circuitry
held in reset
ADC power modes:
00 = normal mode
(power-up),
01 = power-down mode,
10 = standby mode,
does not affect JESD204B
digital circuitry
0x00
0x09
Global clock
Reserved
Clock selection:
00 = Nyquist clock,
01 = RF clock divide by 2,
10 = RF clock divide by 4,
11 = clock off
Clock duty
cycle
stabilizer
enable
0x01
DCS enabled
if clock divider
enabled
0x0A
PLL status
PLL locked
status
JESD204B
link is ready
Read only
0x0B
Clock divide
Clock divide phase relative to
the encode clock:
0x0 = 0 input clock cycles delayed,
0x1 = 1 input clock cycles delayed,
0x2 = 2 input clock cycles delayed,
…
0x7 = 7 input clock cycles delayed
Clock divider ratio relative to
the encode clock:
0x00 = divide by 1,
0x01 = divide by 2,
0x02 = divide by 3,
…
0x07 = divide by 8
0x00
Clock divide
values other
than 0x00
automatically
cause the DCS
to become
active
0x0D
Test mode
User test mode cycle:
00 = repeat pattern
(user pattern 1, 2, 3, 4, 1,
2, 3, 4, 1, …);
10 = single pattern
(user pattern 1, 2, 3, 4,
then all zeros)
Long
pseudo-
random
number
generator
reset:
0 = long
PRN
enabled,
1 = long
PRN held
in reset
Short
pseudo-
random
number
generator
reset:
0 = short
PRN
enabled,
1 = short
PRN held in
reset
Data output test generation mode:
0000 = off (normal mode),
0001 = midscale short,
0010 = positive full scale,
0011 = negative full scale,
0100 = alternating checkerboard,
0101 = PN sequence long,
0110 = PN sequence short,
0111 = 1/0 word toggle,
1000 = user test mode (use with Address 0x0D,
Bits[7:6] and user pattern 1, 2, 3, 4),
1001 to 1110 = unused,
1111 = ramp output
0x00
0x10
Customer offset
Offset adjust in LSBs from +31 to −32 (twos complement format):
01 1111 = adjust output by +31,
01 1110 = adjust output by +30,
…
00 0001 = adjust output by +1,
00 0000 = adjust output by 0 (default),
…
10 0001 = adjust output by −31,
10 0000 = adjust output by −32
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com