Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9683 Datasheet HTML 22Page - Analog Devices AD9683 Datasheet HTML 23Page - Analog Devices AD9683 Datasheet HTML 24Page - Analog Devices AD9683 Datasheet HTML 25Page - Analog Devices AD9683 Datasheet HTML 26Page - Analog Devices AD9683 Datasheet HTML 27Page - Analog Devices AD9683 Datasheet HTML 28Page - Analog Devices AD9683 Datasheet HTML 29Page - Analog Devices AD9683 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 25 of 44
JESD204B Synchronization Details
The AD9683 is a JESD204B Subclass 1 device that establishes
synchronization of the link through two control signals, SYSREF
and SYNC, and typically a common device clock. SYSREF and
SYNC are common to all converter devices for alignment purposes
at the system level.
The synchronization process is accomplished over three phases:
code group synchronization (CGS), initial lane alignment sequence
(ILAS), and data transmission. If scrambling is enabled, the bits are
not actually scrambled until the data transmission phase, and
the CGS phase and ILAS phase do not use scrambling.
CGS Phase
In the CGS phase, the JESD204B transmit block transmits
/K28.5/ characters. The receiver (external logic device) must
locate /K28.5/ characters in its input data stream using clock
and data recovery (CDR) techniques.
When a certain number of consecutive /K28.5/ characters are
detected on the link lane, the receiver initiates a SYSREF edge
so that the AD9683 transmit data establishes a local multiframe
clock (LMFC) internally.
The SYSREF edge also resets any sampling edges within the ADC
to align sampling instances to the LMFC. This is important to
maintain synchronization across multiple devices.
The receiver or logic device deasserts the SYNC signal
(SYNCINB±), and the transmitter block begins the ILAS phase.
ILAS Phase
In the ILAS phase, the transmitter sends out a known pattern,
and the receiver aligns the lanes in the link and verifies the
parameters of the link.
The ILAS phase begins after SYNC has been deasserted (goes
high). The transmit block begins to transmit four multiframes.
Dummy samples are inserted between the required characters
so that full multiframes are transmitted. The four multiframes
include the following:
•
Multiframe 1 begins with an /R/ character [K28.0] and
ends with an /A/ character [K28.3].
•
Multiframe 2 begins with an /R/ character followed by a /Q/
[K28.4] character, followed by link configuration parameters
over 14 configuration octets (see Table 10), and ends with
an /A/ character.
•
Multiframe 3 is the same as Multiframe 1.
•
Multiframe 4 is the same as Multiframe 1.
Data Transmission Phase
In the data transmission phase, frame alignment is monitored
with control characters. Character replacement is used at the
end of frames. Character replacement in the transmitter occurs
in the following instances:
•
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame.
•
If scrambling is enabled and the last octet of the multiframe is
equal to 0x7C, or the last octet of a frame is equal to 0xFC.
Table 10. Fourteen Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
11
Reserved, don’t care
12
Reserved, don’t care
13
FCHK[7:0]
Link Setup Parameters
The following sections demonstrate how to configure the AD9683
JESD204B interface. The steps to configure the output include
the following:
1. Disable the lane before changing the configuration.
2. Select a quick configuration option.
3. Configure detailed options.
4. Check FCHK, the checksum of the JESD204B interface
parameters.
5. Set additional digital output configuration options.
6. Re-enable the lane.
Disable Lane Before Changing Configuration
Before modifying the JESD204B link parameters, disable the link
and hold it in reset. This is accomplished by writing Logic 1 to
Address 0x5F, Bit 0.
Configure Detailed Options
Configure the tail bits and control bits as follows.
•
With N’ = 16 and N = 14, there are two bits available per
sample for transmitting additional information over the
JESD204B link. The options are tail bits or control bits. By
default, tail bits of 0b00 value are used.
•
Tail bits are dummy bits sent over the link to complete the
two octets and do not convey any information about the input
signal. Tail bits can be fixed zeros (default) or pseudo-
random numbers (Address 0x5F, Bit 6).
•
One or two control bits can be used instead of the tail bits
through Address 0x72, Bits[7:6]. The tail bits can be set
using Address 0x14, Bits[7:5], and the tail bits can be
enabled using Address 0x5F, Bit 6.
Set lane identification values.
•
JESD204B allows parameters to identify the device and lane.
These parameters are transmitted during the ILAS phase, and
they are accessible in the internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com