Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9683 Datasheet HTML 36Page - Analog Devices AD9683 Datasheet HTML 37Page - Analog Devices AD9683 Datasheet HTML 38Page - Analog Devices AD9683 Datasheet HTML 39Page - Analog Devices AD9683 Datasheet HTML 40Page - Analog Devices AD9683 Datasheet HTML 41Page - Analog Devices AD9683 Datasheet HTML 42Page - Analog Devices AD9683 Datasheet HTML 43Page - Analog Devices AD9683 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 39 of 44
MEMORY MAP REGISTER DESCRIPTIONS
For more information on functions controlled in Address 0x00
to Address 0x21 and Address 0xFF, with the exception of Address
0x08 and Address 0x14, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
PDWN Modes (Address 0x08)
Bits[7:6]—Reserved
Bit 5—External PDWN mode
This bit controls the function of the PDWN pin. When this bit is 0,
asserting the PDWN pin results in a full power-down of the device.
When this bit is 1, asserting the PDWN pin places the device in
standby.
Bit 4—JESD204B standby mode
This bit controls the state of the JESD204B digital circuitry when
the external PDWN pin is used to place the device into standby.
If this bit is 0, the JES204B digital circuitry is not placed into
standby. When this bit is 1, the JESD204B circuitry is placed
into standby when the PDWN pin is asserted and Bit 5 is 1.
Bits[3:2]—JESD204B power modes
These bits control the power modes of the JESD204B digital
circuitry. When Bits[3:2] = 00, the JESD204B digital circuitry
is in normal mode. When Bits[3:2] = 01, the JESD204B digital
circuitry is in power-down mode with the PLL off, serializer off,
clocks stopped, and the digital circuitry held in reset. When
Bits[3:2] = 10 the JESD204B digital circuitry is placed into standby
mode with the PLL on, serializer off, clocks stopped, and the
digital circuitry held in reset.
Bits[1:0]—ADC power modes
These bits select power mode for the ADC excluding the
JESD204B digital circuitry. When Bits[1:0] = 00, the ADC is in
normal mode. When Bits[1:0] = 01, the ADC is placed into
power-down mode, and when Bits[1:0] = 10, the ADC is placed
into standby mode.
Output Mode (Address 0x14)
Bits[7:5]—JESD204B CS Bits Assignment
These bits control the function of the CS bits in the JESD204B
serial data stream.
Bit 4—ADC output disable
If this bit is set, the output data from the ADC is disabled.
Bit 3—Open
Bit 2—ADC data invert
If this bit is set, the output data from the ADC is inverted.
Bits[1:0]—Data Format Select
These bits select the output data format. When Bits[1:0] = 00,
the output data is in offset binary format, and when Bits[1:0] = 01,
the output data is in twos complement format.
SYNCINB±/SYSREF± Control (Address 0x3A)
Bits[7:5]—Reserved
Bit 4—JESD204B realign SYNCINB±
When this bit is set low, the JESD204B link operates in normal
mode. When this bit is high, the JESD204B link realigns on
every active SYNCINB± assertion.
Bit 3—JESD204B realign SYSREF±
When this bit is set low, the JESD204B link operates in normal
mode. When this bit is high, the JESD204B link realigns on
every active SYSREF± assertion.
Bit 2—SYSREF± mode
When this bit is set low, the clock dividers are continuously
reset on each SYSREF± assertion. When this bit is high, the
clock dividers are reset on the next rising edge of SYSREF± only.
Bit 1—SYSREF± enable
When this bit is set low, the SYSREF± input is disabled. When
this bit is high, the SYSREF± input is enabled.
Bit 0—Enable SYNCINB± buffer
When this bit is set low, the SYNCINB± input buffer is disabled.
When this bit is high, the SYNCINB± input buffer is enabled.
DC Correction Control (Address 0x40)
Bit 7—Reserved
Bit 6—Freeze dc correction
When Bit 6 is set low, the dc correction is continuously calculated.
When Bit 6 is set high, the dc correction is no longer updated to
the signal monitor block, which holds the last dc value calculated.
Bits[5:2]—DC correction bandwidth select
Bits[5:2] set the averaging time of the signal monitor dc correction
function. This 4-bit word sets the bandwidth of the correction
block, according to the following equation:
π
×
×
=
−
−
2
2
_
_
14
CLK
k
f
BW
Corr
DC
where:
k is the 4-bit value programmed in Bits[5:2] of Address 0x40
(values between 0 and 13 are valid for k; programming 14 or 15
provides the same result as programming 13).
fCLK is the AD9683 ADC sample rate in hertz.
Bit 1—Enable dc correction
Setting this bit high causes the output of the dc measurement
block to be summed with the data in the signal path to remove
the dc offset from the signal path.
Bit 0—Reserved
DC Correction Value 0 (Address 0x41)
Bits[7:0]—DC correction value LSB[7:0]
These bits are the LSBs of the dc correction value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com