Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9683 Datasheet HTML 11Page - Analog Devices AD9683 Datasheet HTML 12Page - Analog Devices AD9683 Datasheet HTML 13Page - Analog Devices AD9683 Datasheet HTML 14Page - Analog Devices AD9683 Datasheet HTML 15Page - Analog Devices AD9683 Datasheet HTML 16Page - Analog Devices AD9683 Datasheet HTML 17Page - Analog Devices AD9683 Datasheet HTML 18Page - Analog Devices AD9683 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AD9683
Data Sheet
Rev. D | Page 14 of 44
60
65
70
75
80
85
90
95
100
10
45
80 115 150 185 220 255 290 325 360 395 430 465 500
FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 11. AD9683-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
60
65
70
75
80
85
90
95
100
10
45
80 115 150 185 220 255 290 325 360 395 430 465 500
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 12. AD9683-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
RFCLK = 680 MHz with Divide by 4 (Address 0x09 = 0x21)
–120
–100
–80
–60
–40
–20
0
–90.0
–78.5
–67.0
–55.5
–44.0
–32.5
–21.0
–9.5
INPUT AMPLITUDE (dBFS)
IMD3 (dBc)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 13. AD9683-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 170 MSPS
–120
–100
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
IMD3 (dBc)
SFDR (dBFS)
IMD3 (dBFS)
SFDR (dBc)
Figure 14. AD9683-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 170 MSPS
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
89.12MHz AT –7dBFS
92.12MHz AT –7dBFS
SFDR = 90dBc (97dBFS)
Figure 15. AD9683-170 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz,
fS = 170 MSPS
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
FREQUENCY (MHz)
170MSPS
184.12MHz AT –7dBFS
187.12MHz AT –7dBFS
SFDR = 87dBc (94dBFS)
80
Figure 16. AD9683-170 Two-Tone FFT with fIN1 = 184.12 MHz,
fIN2 = 187.12 MHz, fS = 170 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com