Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9683 Datasheet HTML 2Page - Analog Devices AD9683 Datasheet HTML 3Page - Analog Devices AD9683 Datasheet HTML 4Page - Analog Devices AD9683 Datasheet HTML 5Page - Analog Devices AD9683 Datasheet HTML 6Page - Analog Devices AD9683 Datasheet HTML 7Page - Analog Devices AD9683 Datasheet HTML 8Page - Analog Devices AD9683 Datasheet HTML 9Page - Analog Devices AD9683 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 5 of 44
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, maximum sample rate for speed grade, VIN = −1.0 dBFS differential input, 1.75 V p-p
full-scale input range, default SPI, unless otherwise noted.
Table 2.
AD9683-170
AD9683-250
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 30 MHz
25°C
72.3
72.1
dBFS
fIN = 90 MHz
25°C
72.0
71.7
dBFS
Full
71
dBFS
fIN = 140 MHz
25°C
71.3
71.3
dBFS
fIN = 185 MHz
25°C
70.5
70.6
dBFS
Full
70.0
dBFS
fIN = 220 MHz
25°C
70.0
70.0
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 30 MHz
25°C
71.3
70.9
dBFS
fIN = 90 MHz
25°C
70.8
70.6
dBFS
Full
69.9
dBFS
fIN = 140 MHz
25°C
70.2
70.1
dBFS
fIN = 185 MHz
25°C
69.5
69.5
dBFS
Full
68.7
dBFS
fIN = 220 MHz
25°C
68.8
68.7
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 30 MHz
25°C
11.5
11.5
Bits
fIN = 90 MHz
25°C
11.5
11.4
Bits
fIN = 140 MHz
25°C
11.4
11.4
Bits
fIN = 185 MHz
25°C
11.3
11.3
Bits
fIN = 220 MHz
25°C
11.1
11.1
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
94
87
dBc
fIN = 90 MHz
25°C
89
86
dBc
Full
81
dBc
fIN = 140 MHz
25°C
94
87
dBc
fIN = 185 MHz
25°C
89
88
dBc
Full
80
dBc
fIN = 220 MHz
25°C
87
86
dBc
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−94
−87
dBc
fIN = 90 MHz
25°C
−89
−86
dBc
Full
−81
dBc
fIN = 140 MHz
25°C
−94
−87
dBc
fIN = 185 MHz
25°C
−89
−88
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−87
−86
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 30 MHz
25°C
−99
−95
dBc
fIN = 90 MHz
25°C
−92
−94
dBc
Full
−83
dBc
fIN = 140 MHz
25°C
−96
−94
dBc
fIN = 185 MHz
25°C
−94
−93
dBc
Full
−82
dBc
fIN = 220 MHz
25°C
−95
−92
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com