Electronic Components Datasheet Search
  English  ▼

X  

AD10465 Datasheet(PDF) 7 Page - Analog Devices

Part # AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD10465 Datasheet HTML 3Page - Analog Devices AD10465 Datasheet HTML 4Page - Analog Devices AD10465 Datasheet HTML 5Page - Analog Devices AD10465 Datasheet HTML 6Page - Analog Devices AD10465 Datasheet HTML 7Page - Analog Devices AD10465 Datasheet HTML 8Page - Analog Devices AD10465 Datasheet HTML 9Page - Analog Devices AD10465 Datasheet HTML 10Page - Analog Devices AD10465 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD10465
Data Sheet
Rev. B | Page 6 of 24
TEST CIRCUITS
AIN
D[13:0]
DRY
N
tA
tENC
tENCH
tENCL
tOD
tE, DR
N+1
N+2
N+3
N+4
N
N+1
N+2
N+3
N+4
N–3
N–2
N–1
N
ENC, ENC
Figure 2. Timing Diagram
200Ω
100Ω
100Ω
AVIN3
AVIN2
AVIN1
TO AD8037
Figure 3. Analog Input Stage
LOADS
LOADS
ENCODE
ENCODE
AVCC
AVCC
AVCC
AVCC
10kΩ
10kΩ
10kΩ
10kΩ
Figure 4. ENCODE Inputs
DVCC
DVCC
VREF
CURRENT MIRROR
DR_OUT
CURRENT MIRROR
Figure 5. Digital Output Stage
DVCC
DVCC
VREF
CURRENT MIRROR
D0 TO
D13
100Ω
CURRENT MIRROR
Figure 6. Digital Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com