Electronic Components Datasheet Search
  English  ▼

X  

AD10465 Datasheet(PDF) 18 Page - Analog Devices

Part # AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD10465 Datasheet HTML 14Page - Analog Devices AD10465 Datasheet HTML 15Page - Analog Devices AD10465 Datasheet HTML 16Page - Analog Devices AD10465 Datasheet HTML 17Page - Analog Devices AD10465 Datasheet HTML 18Page - Analog Devices AD10465 Datasheet HTML 19Page - Analog Devices AD10465 Datasheet HTML 20Page - Analog Devices AD10465 Datasheet HTML 21Page - Analog Devices AD10465 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
AD10465
Rev. B | Page 17 of 24
J18
J6
R82
51Ω
R140
33kΩ
R94
100Ω
R76
51Ω
R97
100Ω
R95
100Ω
R79
51Ω
R141
33kΩ
R89
100Ω
R83
51Ω
C42
0.1µF
C45
100pF
C40
0.1µF
C39
0.1µF
C48
0.1µF
C46
0.1µF
C38
0.47µF
JP8
JP11
OPEN
VCC
Q
Q
VEE
NC
D
D
VBB
U7
1
2
3
4
8
7
6
5
OUT
NR
IN
SD
U6
2
6
1
8
ERR
3
GND
JP7
4
ADP3330
ADP3330
J17
J16
JP10
JP12
OPEN
VCC
Q
Q
VEE
NC
D
D
VBB
U9
1
2
3
4
8
7
6
5
OUT
NR
IN
SD
U8
2
6
1
8
ERR
3
GND
AGNDB
JP9
4
ENCODEA
ENCODEA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
+5VAA
+5VAA
C44
0.1µF
C43
100pF
C49
0.1µF
C37
0.1µF
C41
0.47µF
ENCAB
AGNDA
AGNDA
AGNDB
AGNDB
MC10EP16D
NC = NO CONNECT
AGNDA
AGNDB
ENCA
ENCB
ENCBB
+5VAA
+5VAA
ENCODEB
ENCODEB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
MC10EP16D
NC = NO CONNECT
Figure 25. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com