Electronic Components Datasheet Search
  English  ▼

X  

AD10465 Datasheet(PDF) 19 Page - Analog Devices

Part # AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD10465 Datasheet HTML 15Page - Analog Devices AD10465 Datasheet HTML 16Page - Analog Devices AD10465 Datasheet HTML 17Page - Analog Devices AD10465 Datasheet HTML 18Page - Analog Devices AD10465 Datasheet HTML 19Page - Analog Devices AD10465 Datasheet HTML 20Page - Analog Devices AD10465 Datasheet HTML 21Page - Analog Devices AD10465 Datasheet HTML 22Page - Analog Devices AD10465 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD10465
Data Sheet
Rev. B | Page 18 of 24
E1
E2
E3
E4
E5
E6
E7
E8
E10
E9
U21
25
24
26
27
42
31
7
18
29
30
32
33
23
22
20
19
35
36
48
17
16
14
13
1
37
38
40
12
11
41
43
44
9
8
6
5
46
47
28
3
2
21
15
34
39
18
4
CP2
OE2
I15
I14
I10
I4
I0
45
I11
I12
I8
I13
I7
I6
I5
I1
I3
I2
GND
I9
O10
O7
O3
O0
GND
O6
O5
O4
O2
O1
GND
GND
GND
O9
O11
O12
O13
O14
O15
VCC
VCC
VCC
VCC
O8
CP1
OE1
GND
GND
GND
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
D11A
D12A
(MSB) D13A
21
22
23
24
25
26
27
28
29
30
31
32
35
36
37
38
39
40
33
34
21
22
23
24
25
26
27
28
29
30
31
32
35
36
37
38
39
40
33
34
20
19
18
17
16
15
14
13
12
11
10
9
6
5
4
3
2
1
8
7
20
19
18
17
16
15
14
13
12
11
10
9
6
5
4
3
2
1
8
7
J3
LATCHA
U22
25
24
26
27
42
31
7
18
29
30
32
33
23
22
20
19
35
36
48
17
16
14
13
1
37
38
40
12
11
41
43
44
9
8
6
5
46
47
28
3
2
21
15
34
39
18
4
CP2
OE2
I15
I14
I10
I4
I0
45
I11
I12
I8
I13
I7
I6
I5
I1
I3
I2
GND
I9
O10
O7
O3
O0
GND
O6
O5
O4
O2
O1
GND
GND
GND
O9
O11
O12
O13
O14
O15
VCC
VCC
VCC
VCC
O8
CP1
OE1
GND
GND
GND
(LSB) D0B
D1B
D2B
D3B
D4B
D5B
D12B
(MSB) D13B
D11B
D10B
D9B
D8B
D7B
D6B
21
22
23
24
25
26
27
28
29
30
31
32
35
36
37
38
39
40
33
34
21
22
23
24
25
26
27
28
29
30
31
32
35
36
37
38
39
40
33
34
20
19
18
17
16
15
14
13
12
11
10
9
6
5
4
3
2
1
8
7
20
19
18
17
16
15
14
13
12
11
10
9
6
5
4
3
2
1
8
7
J4
E162
E163
E164
E165
E166
E171
E172
E177
1E79
E181
E186
E187
E207
E209
E211
E213
E215
E217
E219
E221
E227
E229
E231
E233
E159
E160
E161
E167
E168
E169
E170
E178
E180
E182
E183
E191
E192
E193
E208
E210
E212
E214
E216
E218
E220
E222
E228
E230
E232
E234
OUT_3.3VDA
OUT_3.3VDA
DGNDA
C13
0.1µF
C14
0.1µF
C15
0.1µF
C20
0.1µF
R98
51Ω
R117
100Ω
R99
0Ω
R100
0Ω
R115
100Ω
R114
100Ω
R105
100Ω
R106
100Ω
R103
100Ω
R102
100Ω
R101
100Ω
R109
100Ω
R107
100Ω
R111
100Ω
R108
100Ω
R110
100Ω
R112
100Ω
R126
100Ω
R130
100Ω
R128
100Ω
R135
100Ω
R131
100Ω
R133
100Ω
R121
100Ω
MSB
R136
100Ω
R132
100Ω
R120
100Ω
R122
100Ω
R134
100Ω
R137
51Ω
R127
100Ω
R125
100Ω
R129
100Ω
R116
100Ω
R113
100Ω
R104
100Ω
R118
51Ω
BANANA JACKS FOR GNDS AND PWRS
BUFLATA
DGNDA
MSB
DGNDA
+5VAB
+5VAA
+3.3VDA
+3.3VDB
–5.2VAB
–5.2VAA
AGNDB
DGNDA
DGNDA
DGNDB
AGNDA
C25
0.1µF
C21
0.1µF
C23
0.1µF
C24
0.1µF
OUT_3.3VDA
DGNDB
LATCHB
E89
E139
E143
E146
E148
E149
E152
E153
E184
E188
E189
E190
E195
E197
E199
E201
E203
E205
E224
E226
E87
E88
E72
E140
E141
E142
E144
E145
E147
E150
E151
E154
E185
E194
E196
E198
E200
E202
E204
E206
E223
E225
DGNDA
AGNDA
AGNDB
DGNDB
DGNDB
DGNDB
74LCX163743MTD
OUT_3.3VDB
BUFLATB
R124
0Ω
R119
51Ω
R123
0Ω
DGNDB
74LCX163743MTD
Figure 26. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com