Electronic Components Datasheet Search
  English  ▼

X  

AD10465 Datasheet(PDF) 25 Page - Analog Devices

Part # AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD10465 Datasheet HTML 17Page - Analog Devices AD10465 Datasheet HTML 18Page - Analog Devices AD10465 Datasheet HTML 19Page - Analog Devices AD10465 Datasheet HTML 20Page - Analog Devices AD10465 Datasheet HTML 21Page - Analog Devices AD10465 Datasheet HTML 22Page - Analog Devices AD10465 Datasheet HTML 23Page - Analog Devices AD10465 Datasheet HTML 24Page - Analog Devices AD10465 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
AD10465
Data Sheet
Rev. B | Page 24 of 24
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
0.060 (1.52)
0.050 (1.27)
0.040 (1.02)
TOE DOWN
ANGLE
0–8 DEGREES
0.010 (0.254)
30°
0.050 (1.27)
0.020 (0.508)
DETAIL A
ROTATED 90° CCW
1.190 (30.23)
1.180 (29.97) SQ
1.170 (29.72)
PIN 1
10
26
9
61
60
43
27
44
TOP VIEW
(PINS DOWN)
0.800
(20.32)
BSC
0.960 (24.38)
0.950 (24.13) SQ
0.940 (23.88)
0.055 (1.40)
0.050 (1.27)
0.045 (1.14)
0.020 (0.508)
0.017 (0.432)
0.014 (0.356)
0.175 (4.45)
MAX
0.235 (5.97)
MAX
DETAIL A
0.010 (0.25)
0.008 (0.20)
0.007 (0.18)
1.070
(27.18)
MIN
Figure 35. 68-Lead Ceramic Leaded Chip Carrier [CLCC]
(ES-68-1)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range2
Package Description
Package Option
AD10465BZ
−40°C to +85°C
68-Lead Ceramic Leaded Chip Carrier [CLCC]
ES-68-1
5962-9961601HXA
−40°C to +85°C
68-Lead Ceramic Leaded Chip Carrier [CLCC]
ES-68-1
1
The data sheet for the 5962-9961601HXA is the property of and maintained by DSCC.
2
Case temperature.
©2001–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02356-0-7/15(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com