Electronic Components Datasheet Search
  English  ▼

X  

AD10465 Datasheet(PDF) 17 Page - Analog Devices

Part # AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD10465 Datasheet HTML 13Page - Analog Devices AD10465 Datasheet HTML 14Page - Analog Devices AD10465 Datasheet HTML 15Page - Analog Devices AD10465 Datasheet HTML 16Page - Analog Devices AD10465 Datasheet HTML 17Page - Analog Devices AD10465 Datasheet HTML 18Page - Analog Devices AD10465 Datasheet HTML 19Page - Analog Devices AD10465 Datasheet HTML 20Page - Analog Devices AD10465 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD10465
Data Sheet
Rev. B | Page 16 of 24
DRAOUT
DGNDB
L10
47
L7
47
AGNDB
AGNDB
L6
47
47
C57
0.1µF
C22
10µF
C53
10µF
AGNDA
AGNDA
AGNDA
47Ω
AT 100MHz
AGNDB
AGNDB
47
L11
47
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
J1
J2
J22
J7
J8
J20
10
9
10
9
8
8
1
2
JP5
JP3
JP4
3
13
12
11
4
5
6
JP1
JP2
LATCHB
BUFLATB
LATCHA
BUFLATA
1
2
3
12
11
4
5
6
13
JP6
AINB3
AINB2
AINB1
AINA3
AINA2
AINA1
AGNDB
AGNDB
AGNDB
AGNDA
AGNDA
AGNDA
74LCX00M
74LCX00M
74LCX00M
74LCX00M
74LCX00M
74LCX00M
U2:A
U2:D
U2:B
U4:A
U4:D
U4:B
CLKLATCHB2
CLKLATCHB1
DRBOUT
DRAOUT
CLKLATCHA1
CLKLATCHA2
+3.3VDB
C58
10µF
C61
0.1µF
C64
0.1µF
DGNDB
47V
AT 100MHz
L8
47V
AT 100MHz
L9
C52
10µF
C59
10µF
+5VAB
–5.2VAB
ENCBB
DRBOUT
ENCB
DUT_3.3VDB
D13B (MSB)
D12B
D11B
D10B
D9B
SPARE
GATE
U4:C
SPARE
GATE
U2:C
74LCX00M
74LCX00M
DGNDA
DGNDA
DGNDB
DGNDB
C27
0.1µF
C26
0.1µF
C63
0.1µF
C62
10µF
DUT_3.3VDA
DUT_3.3VDB
+3.3VDA
DGNDA
DGNDA
DGNDA
AGNDB
AGNDB
AGNDB
AGNDB
REFB
DRBOUT
AGNDB
AGNDB
ENCBB
ENCB
+3.3VDB
D13B (MSB)
D12B
D11B
D10B
D9B
DGNDB
AGNDA
AGNDA
DRAOUT
–5.2VAA
+5VAA
D0A (LSB)
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
+5VAA
D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
DGNDA
U1
AD10465
–5.2VAA
+5VAA
Figure 24. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com