Electronic Components Datasheet Search
  English  ▼

X  

AD10465 Datasheet(PDF) 10 Page - Analog Devices

Part # AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD10465 Datasheet HTML 6Page - Analog Devices AD10465 Datasheet HTML 7Page - Analog Devices AD10465 Datasheet HTML 8Page - Analog Devices AD10465 Datasheet HTML 9Page - Analog Devices AD10465 Datasheet HTML 10Page - Analog Devices AD10465 Datasheet HTML 11Page - Analog Devices AD10465 Datasheet HTML 12Page - Analog Devices AD10465 Datasheet HTML 13Page - Analog Devices AD10465 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD10465
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
6
2
3
4
5
ENCODE = 65MSPS
AIN = 5MHz (–1dBFS)
SNR = 71.02
SFDR = 92.11dBc
Figure 8. Single Tone @ 5 MHz
6
2
3
4
5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 20MHz (–1dBFS)
SNR = 70.71
SFDR = 79.73dBc
Figure 9. Single Tone @ 20 MHz
6
2
3
4
5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 32MHz (–1dBFS)
SNR = 70.22
SFDR = 66.40dBc
Figure 10. Single Tone @ 32 MHz
6
2
3
4
5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 10MHz (–1dBFS)
SNR = 70.79
SFDR = 86.06dBc
Figure 11. Single Tone @ 10 MHz
6
2
3
4
5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 25MHz (–1dBFS)
SNR = 70.36
SFDR = 74.58dBc
Figure 12. Single Tone @ 25 MHz
100
90
80
70
60
50
40
30
20
10
0
32.000
19.000
9.989
4.9898
INPUT FREQUENCY (MHz)
SFDR
SINAD
Figure 13. SFDR and SINAD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com