Electronic Components Datasheet Search
  English  ▼

X  

LTC3416 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 1 Page - Linear Technology

  LTC3416 Datasheet HTML 1Page - Linear Technology LTC3416 Datasheet HTML 2Page - Linear Technology LTC3416 Datasheet HTML 3Page - Linear Technology LTC3416 Datasheet HTML 4Page - Linear Technology LTC3416 Datasheet HTML 5Page - Linear Technology LTC3416 Datasheet HTML 6Page - Linear Technology LTC3416 Datasheet HTML 7Page - Linear Technology LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3416
1
3416f
s
High Efficiency: Up to 95%
s
4A Output Current
s
Low RDS(ON) Internal Switch: 67mΩ
s
Tracking Input to Provide Easy Supply Sequencing
s
Programmable Frequency: 300kHz to 4MHz
s
2.25V to 5.5V Input Voltage Range
s
±2% Output Voltage Accuracy
s
0.8V Reference Allows Low Output Voltage
s
Low Dropout Operation: 100% Duty Cycle
s
Power Good Output Voltage Monitor
s
Overtemperature Protected
s
Available in a 20-Lead Thermally Enhanced
TSSOP Package
4A, 4MHz, Monolithic
Synchronous Step-Down
Regulator with Tracking
s
Portable Instruments
s
Notebook Computers
s
Distributed Power Systems
s
Battery-Powered Equipment
s
POL Board Power
SVIN
PGOOD
22
µF
VOUT2
2.5V
100
µF
×2
VOUT1
1.8V
4A
0.2
µH
SW
LTC3416
PGND
SGND
RT
RUN/SS
ITH
TRACK
PVIN
VFB
127k
7.5k
200k
255k
200k
255k
3416 F01a
820pF
VIN
2.5V TO 5.5V
I/O VOLTAGE
Figure 1a. 2.5V/4A Step-Down Regulator with Tracking
The LTC
®3416 is a high efficiency monolithic synchro-
nous, step-down DC/DC converter utilizing a constant
frequency, current mode architecture. It operates from an
input voltage range of 2.25V to 5.5V and provides a
regulated output voltage from 0.8V to 5V while delivering
up to 4A of output current. The internal synchronous
power switch with 67m
Ω of on-resistance increases effi-
ciency and eliminates the need for an external Schottky
diode. Switching frequency is set by an external resistor.
100% duty cycle provides low dropout operation extend-
ing battery life in portable systems. OPTI-LOOP
® compen-
sation allows the transient response to be optimized over
a wide range of loads and output capacitors.
The LTC3416 operates in forced continuous operation and
provides tracking of another power supply rail. Forced
continuous operation reduces noise and RF interference and
provides excellent transient response. Fault protection is
provided by an overcurrent comparator, and adjustable
compensation allows the transient response to be optimized
over a wide range of loads and output capacitors.
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP is a registered trademark of Linear Technology Corporation.
Figure 1b. Efficiency vs Load Current
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.10
1
10
3416 G09
30
20
10
0
90
100
VIN = 2.5V
VOUT = 1.8V
f = 2MHz
VIN = 3.3V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC3416

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3416 LINER-LTC3416 Datasheet
453Kb / 36P
24V, 15A Monolithic Step Down Regulator
LTC3416 LINER-LTC3416 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3416 LINER-LTC3416 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3416 LINER-LTC3416 Datasheet
219Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3416 LINER-LTC3416 Datasheet
481Kb / 20P
짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
More results

Similar Description - LTC3416

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3416 LINER-LTC3416_15 Datasheet
219Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com