Electronic Components Datasheet Search
  English  ▼

X  

LTC3416 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology LTC3416 Datasheet HTML 10Page - Linear Technology LTC3416 Datasheet HTML 11Page - Linear Technology LTC3416 Datasheet HTML 12Page - Linear Technology LTC3416 Datasheet HTML 13Page - Linear Technology LTC3416 Datasheet HTML 14Page - Linear Technology LTC3416 Datasheet HTML 15Page - Linear Technology LTC3416 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3416
14
3416f
APPLICATIO S I FOR ATIO
Figure 7. LTC3416 Layout Diagram
(7a) Top Layer
(7b) Bottom Layer
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3416. Check the following in your layout.
1. A ground plane is recommended. If a ground plane layer
is not used, the signal and power grounds should be
segregated with all small-signal components returning
to the SGND pin at one point which is then connected to
the PGND pin close to the LTC3416.
2. Connect the (+) terminal of the input capacitor(s), CIN,
as close as possible to the PVIN pin. This capacitor
provides the AC current into the internal power MOSFETs.
3. Keep the switching node, SW, away from all sensitive
small-signal nodes.
4. Flood all unused areas on all layers with copper. Flood-
ing with copper will reduce the temperature rise of
power components. You can connect the copper areas
to any DC net (PVIN, SVIN, VOUT, PGND, SGND or any
other DC rail in your system).
5. Connect the VFB pin directly to the feedback resistors.
The resistor divider must be connected between VOUT
and SGND.
3416 F07a
3416 F07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com