Electronic Components Datasheet Search
  English  ▼

X  

LTC3416 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 4 Page - Linear Technology

  LTC3416 Datasheet HTML 1Page - Linear Technology LTC3416 Datasheet HTML 2Page - Linear Technology LTC3416 Datasheet HTML 3Page - Linear Technology LTC3416 Datasheet HTML 4Page - Linear Technology LTC3416 Datasheet HTML 5Page - Linear Technology LTC3416 Datasheet HTML 6Page - Linear Technology LTC3416 Datasheet HTML 7Page - Linear Technology LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3416
4
3416f
TYPICAL PERFOR A CE CHARACTERISTICS
DC Supply Current
vs Input Voltage
Frequency vs Temperature
Efficiency vs Load Current,
Forced Continuous
TEMPERATURE (
°C)
–40
60
1090
1070
1050
1030
1010
990
970
950
930
910
3416 G07
–20
120
020
40
80
100
VIN = 3.3V
ROSC = 294k
INPUT VOLTAGE (V)
2.25
400
350
300
250
200
150
100
50
0
3.75
4.75
3416 G08
2.75
3.25
4.25
5.25
Load Step Transient
Efficiency vs Input Voltage
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
3416 G10
5.0
98
96
94
92
90
88
86
84
82
80
78
5.5
IOUT = 1A
IOUT = 4A
VOUT = 2.5V
TA = 25°C
Load Regulation
LOAD CURRENT (A)
3416 G11
0
–0.20
–0.40
–0.60
–0.80
–1.00
–1.20
–1.40
0
1.0
2.0
2.5
0.5
1.5
3.0
3.5
4.0
VIN = 3.3V
VOUT = 1.8V
3416 G12
VIN = 3.3V, VOUT = 1.8V
f = 2MHz
LOAD STEP = 0A TO 4A
VOUT
INDUCTOR
CURRENT
2A/DIV
20
µs/DIV
3416 G13
VIN = 3.3V, VOUT = 1.8V
TRACKING 2.5V
5ms/DIV
Tracking: Start-Up and Shutdown
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.10
1
10
3416 G09
30
20
10
0
90
100
VIN = 2.5V
VIN = 3.3V
VOUT = 1.8V
f = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com