Electronic Components Datasheet Search
  English  ▼

X  

LTC3416 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology LTC3416 Datasheet HTML 10Page - Linear Technology LTC3416 Datasheet HTML 11Page - Linear Technology LTC3416 Datasheet HTML 12Page - Linear Technology LTC3416 Datasheet HTML 13Page - Linear Technology LTC3416 Datasheet HTML 14Page - Linear Technology LTC3416 Datasheet HTML 15Page - Linear Technology LTC3416 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3416
16
3416f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0104 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1616
500mA (IOUT), 1.4MHz, High Efficiency Step-Down
90% Efficiency, VIN: 3.6V to 25V, VOUT = 1.25V,
DC/DC Converter
IQ = 1.9mA, ISD < 1µA, ThinSOT Package
LT1676
450mA (IOUT), 100kHz, High Efficiency Step-Down
90% Efficiency, VIN: 7.4V to 60V, VOUT = 1.24V,
DC/DC Converter
IQ = 3.2mA, ISD < 2.5µA, S8 Package
LT1765
25V, 2.75A (IOUT), 1.25MHz, High Efficiency Step-Down
90% Efficiency, VIN: 3V to 25V, VOUT = 1.2V,
DC/DC Converter
IQ = 1mA, ISD < 15µA, S8, TSSOP16E Packages
LT1776
500mA (IOUT), 200kHz, High Efficiency Step-Down
90% Efficiency, VIN: 7.4V to 40V, VOUT = 1.24V,
DC/DC Converter
IQ = 3.2mA, ISD < 30µA, N8, S8 Packages
LTC1879
1.20A (IOUT), 550kHz, Synchronous Step-Down
95% Efficiency, VIN: 2.7V to 10V, VOUT = 0.8V,
DC/DC Converter
IQ = 15µA, ISD < 1µA, TSSOP16 Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.75V to 6V, VOUT = 0.8V,
DC/DC Converter
IQ = 20µA, ISD < 1µA, ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V,
DC/DC Converter
IQ = 20µA, ISD < 1µA, ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V,
DC/DC Converter
IQ = 60µA, ISD < 1µA, MS, DFN Packages
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V
DC/DC Converter
IQ = 60µA, ISD < 1µA, TSSOP16E Package
LTC3413
3A (IOUT Sink/source), 2MHz, Monolithic Synchronous
90% Efficiency, VIN: 2.25V to 5.5V, VOUT = VREF/2,
Regulator for DDR/QDR Memory Termination
IQ = 280µA, ISD < 1µA, TSSOP16E Package
LTC3414
4A (IOUT), 4MHz Synchronous Step-Down Regulator
95% Efficiency, VIN: 2.25V to 5V, VOUT to 0.8V, IQ = 64µA,
TSSOP28E Package
LTC3430
60V, 2.75A (IOUT), 200kHz, High Efficiency Step-Down
90% Efficiency, VIN: 5.5V to 60V, VOUT = 1.2V,
DC/DC Converter
IQ = 2.5mA, ISD < 25µA, TSSOP16E Package
LTC3440
600mA (IOUT), 2MHz, Synchronous Buck-Boost
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 2.5V,
DC/DC Converter
IQ = 25µA, ISD < 1µA, MS Package
TYPICAL APPLICATIO
L1*
0.68
µH
C2
22pF
X7R
R2
174k
PVIN
PVIN
SVIN
RUN
PGOOD
TRACK
RT
SGND
PGND
PGND
SW
SW
SW
SW
VFB
NC
NC
ITH
PGND
PGND
7
14
16
4
17
3
2
5
1
10
8
9
12
13
19
6
15
18
20
11
CITH
820pF
X7R
R1
200k
RITH
7.5k
RPG
100k
R3
174k
R4
200k
ROSC
294k
VISHAY DALE IHLP-2525CZ-01 0.68
µH
TDK C4532X5R0J107M
*
**
CIN1**
100
µF
VIN
5V
PGOOD
COUT**
100
µF
2
×
C1
47pF
X7R
3416 TA01
VOUT1
1.5V
4A
I/O SUPPLY
3.3V
LTC3416
1.5V, 4A Step-Down Regulator Tracking from 3.3V I/O Supply
Efficiency vs Load Current
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
4316 TA02
30
20
10
0
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com