Electronic Components Datasheet Search
  English  ▼

X  

LTC3416 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 2 Page - Linear Technology

  LTC3416 Datasheet HTML 1Page - Linear Technology LTC3416 Datasheet HTML 2Page - Linear Technology LTC3416 Datasheet HTML 3Page - Linear Technology LTC3416 Datasheet HTML 4Page - Linear Technology LTC3416 Datasheet HTML 5Page - Linear Technology LTC3416 Datasheet HTML 6Page - Linear Technology LTC3416 Datasheet HTML 7Page - Linear Technology LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3416
2
3416f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
2.25
5.5
V
VFB
Regulated Feedback Voltage
(Note 3)
q
0.784
0.800
0.816
V
IFB
Feedback Input Current
0.2
µA
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.04
0.2
%/V
VTRACK
Tracking Voltage Offset
VTRACK = 0.4V
30
mV
Tracking Voltage Range
0
0.8
V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop, VITH = 0.36V
0.02
0.2
%
Measured in Servo Loop, VITH = 0.84V
–0.02
–0.2
%
∆VPGOOD
Power Good Range
±7.5
±9%
RPGOOD
Power Good Resistance
120
200
Ω
IQ
Input DC Bias Current
(Note 4)
Active Current
VFB = 0.7V, VITH = 1.2V
300
350
µA
Shutdown
VRUN = 0V
0.02
1
µA
fOSC
Switching Frequency
ROSC = 294kΩ
0.88
1
1.12
MHz
Switching Frequency Range
0.30
4.00
MHz
fSYNC
SYNC Capture Range
0.3
4
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 300mA
67
100
m
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –300mA
50
100
m
Ω
ILIMIT
Peak Current Limit
68
A
VUVLO
Undervoltage Lockout Threshold
1.75
2
2.25
V
ILSW
SW Leakage Current
VRUN = 0V, VIN = 5.5V
0.1
1
µA
VRUN
RUN Threshold
0.5
0.65
0.8
V
Input Supply Voltage .................................. – 0.3V to 6V
ITH, RUN, VFB Voltages .............................. – 0.3V to VIN
TRACK Voltage .......................................... – 0.3V to VIN
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
Peak SW Sink and Source Current ......................... 11A
Operating Ambient Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Junction Temperature (Notes 5, 6) ...................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3416EFE
TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD IS GND (PIN 21)
MUST BE SOLDERED TO PCB
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
PGND
RT
TRACK
RUN/SS
SGND
NC
PVIN
SW
SW
PGND
PGND
VFB
ITH
PGOOD
SVIN
NC
PVIN
SW
SW
PGND
21
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3416E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3416 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com