Electronic Components Datasheet Search
  English  ▼

X  

LTC3416 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3416 Datasheet HTML 2Page - Linear Technology LTC3416 Datasheet HTML 3Page - Linear Technology LTC3416 Datasheet HTML 4Page - Linear Technology LTC3416 Datasheet HTML 5Page - Linear Technology LTC3416 Datasheet HTML 6Page - Linear Technology LTC3416 Datasheet HTML 7Page - Linear Technology LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology LTC3416 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3416
6
3416f
FU CTIO AL DIAGRA
–
+
–
+
–
+
–
+
19
ERROR
AMPLIFIER
0.74V
VFB
3
TRACK
SVIN
4
RUN/SS
17
PGOOD
RUN
0.86V
–
+
VOLTAGE
REFERENCE
SLOPE
COMPENSATION
OSCILLATOR
RT
LOGIC
SLOPE
COMPENSATION
RECOVERY
PMOS CURRENT
COMPARATOR
NMOS CURRENT
COMPARATOR
16
SGND
5
EXPOSED
PAD
21
ITH
18
SW
PGND
3416 FD
8
PVIN
7
14
9
12
13
1
10
11
20
2
OPERATIO
Main Control Loop
The LTC3416 is a monolithic, constant frequency, current
mode step-down DC/DC converter. During normal opera-
tion, the internal top power switch (P-channel MOSFET) is
turned on at the beginning of each clock cycle. Current in
the inductor increases until the current comparator trips
and turns off the top power MOSFET. The peak inductor
current at which the current comparator shuts off the top
power switch is controlled by the voltage on the ITH pin.
The error amplifier adjusts the voltage on the ITH pin by
comparing the feedback signal from a resistor divider on
the VFB pin with an internal 0.8V reference. When the load
current increases, it causes a reduction in the feedback
voltage relative to the reference. The error amplifier raises
the ITH voltage until the average inductor current matches
the new load current. When the top power MOSFET shuts
off, the synchronous power switch (N-channel MOSFET)
turns on until either the bottom current limit is reached or
the beginning of the next clock cycle. The bottom current
limit is set at –5A.
The operating frequency is externally set by an external
resistor connected between the RT pin and ground. The
practical switching frequency can range from 300kHz to
4MHz.
Overvoltage and undervoltage comparators will pull the
PGOOD output low if the output voltage comes out of
regulation by
±7.5%. In an overvoltage condition, the top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com